Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 34 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 34 Page - ams AG

Back Button AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG AS3709 Datasheet HTML 33Page - ams AG AS3709 Datasheet HTML 34Page - ams AG AS3709 Datasheet HTML 35Page - ams AG AS3709 Datasheet HTML 36Page - ams AG AS3709 Datasheet HTML 37Page - ams AG AS3709 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
AS3709 – 34
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Interrupt Generation
The interrupt controller generates an interrupt request for the
host controller as soon as one or more of the bits in the Interrupt
1…2 register are set by pulling low pin XINT (XINT has to be
selected as a GPIO output function). All the interrupt sources
can be enabled in the Interrupt Mask 1…2 register. The
Interrupt 1…2 registers are cleared automatically after the host
controller has read them. To prevent the AS3709 device from
losing an interrupt event, the register that is read is captured
before it is transmitted to the host controller via the serial
interface. As soon as the transmission of the captured value is
complete a logical AND operation with the bit wise inverted
captured value is applied to the register to clear all interrupt
bits that have already been transmitted. Clearing the read
interrupt bits takes 2 clock cycles, a read access to the same
register before the clearing process has completed will yield a
value of ‘0’. Note that an interrupt that has been present at the
previous read access will be cleared as well in case it occurs
again before the clearing process has completed.
During a read access to one of the interrupt registers, the GPIO
pin (GPIO output function) will be released. As soon as the
transferred bits of the interrupt register have been cleared the
GPIO pin (GPIO output function) will be pulled low in case a new
interrupt has occurred in the meantime. By doing so, the
interrupt controller will work correctly with host controllers
that are edge- and level-sensitive on their interrupt request
input. Multiple byte read access is recommended to avoid
reading the Interrupt 1 register over and over again in response
to a new interrupt that has occurred in the same register (and
thus pulling low the GPIO pin) before the Interrupt 2 register
has been read.
2-Wire-Serial Control Interface
Feature List
• Fast-mode capability (max. SCL-frequency is 400 kHz)
• 7+1-bit addressing mode
• 60h x 8-bit data registers (word address 0x00 - 0x60)
• Write formats: Single-Byte-Write, Page-Write
• Read formats: Current-Address-Read, Random-Read,
Sequential-Read
• SDA input delay and SCL spike filtering by integrated
RC-components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com