Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 22 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 22 Page - ams AG

Back Button AS3709 Datasheet HTML 18Page - ams AG AS3709 Datasheet HTML 19Page - ams AG AS3709 Datasheet HTML 20Page - ams AG AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
AS3709 – 22
ams Datasheet, Confidential: 2013-Aug [1-02]
D e t a i l ed D e scr i pt io n - P o w e r M a na ge me nt F u n c ti o n s
Parameter
Figure 29:
Universal IO LDO Electrical Characteristics
Note: Guaranteed by design and verified by laboratory evaluation and characterization; not production tested
Symbol
Parameter
Note
Min
Typ
Max
Unit
VIN
Input Voltage Range
Pin VIN_LDOx
1.75
5.5
V
VOUT_TOL
Output Voltage Tolerance
Min. 40mV
-3
+3
%
VOUT
Output Voltage Range
Pin LDOx
IOUT < 150mA, 25mV
steps
0.825
3.3
V
IOUT_L
Output current (Note:)
ldoX_ilimit = 0 (150mA)
0150
mA
ILIMIT_L
Current limit (Note:)
300
mA
IOUT_H
Output current (Note:)
ldoX_ilimit = 1 (300mA)
0300
mA
ILIMIT_H
Current limit (Note:)
500
mA
RON
On resistance
LDO1, LDO2
0.6
Ω
PSRR
Power supply rejection
ratio
f=1kHz
60
dB
f=100kHz
30
IOFF
Shut down current
100
nA
IQ
Quiescent Current
Without load
30
43
μA
tSTART
Startup time
Low current used
during start-up
500
us
VLNR
Line Regulation
Static
0.07
%/V
Transient; Slope:
tr=15μs; delta 1V
20
mV
VLDR
Load Regulation
Static
0.014
%/m
A
Transient; Slope:
tr=15μs; 1mA -> 300mA
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com