Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 25 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 25 Page - ams AG

Back Button AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 25
Detaile d Desc rip t ion - S y st em Fu nc tions
Figure 34:
Start-up Flowchart
Start-Up
VSUP connected
1. V2_5 power up
2. Readout ROM fuse
auto_off
= 1
POWER OFF state
V2_5 power up
Quiescent current < 10uA
Pin ON
debounce time=20msec
Y
on_input
= 1
N
auto_off
= 1 or
power_off_at_vsuplow
=
1
Y
VSUP debounce state
Measuring VSUP
Quiesent current ~200uA
N
VSUP > ResVoltRise
for more than 5ms
N
N
on_input
= 1
N
VSUP < ResVoltFall
for more than 500ms
Y
N
Y
Y
Y
power_off
= 1
OFF delay
wait off_delay
N
Reset all Registers
Switch off Regulators
reset registers and reload
fuses expect:
pwr_off_at_vsuplow
Y
RUN startup sequence
regulator startup sequence GPIO
programming during sequence
startup delay programmable
RESET Timer
regulator startup executed
waiting time to release XRES pin
2..160ms
ACTIVE state
XRES = 1
standby_mode_on
= 1
or GPIOx = 1
if gpiox_iosf = 6
OFF delay
wait off_delay
N
STAND-BY state
V2_5 power up
all regulators with
sdX_stby_on
= 1 or
ldoX_stby_on
= 1 enabled
any
interrupt applied or
on_input
= 1
force_reset
= 1
or (XRES is low
if stdby_reset_disable = 0)
or VSUP < ResVoltFall or
tco_140_a
= 1
N
N
Y
Y
remove stand-by
force off of all
regulators
Die temp > 140°C
(tco_140_a = 1)
Y
power_off
= 1
or force_reset = 1
or XRES is low or
VSUP < ResVoltFall or
tco_140_a
= 1 or
ON long-press
N
Y
Die temp > 110°C
(tco_110_a = 1)
N
Y
N
any state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com