Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 11 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 11 Page - ams AG

Back Button AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG AS3709 Datasheet HTML 10Page - ams AG AS3709 Datasheet HTML 11Page - ams AG AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG AS3709 Datasheet HTML 14Page - ams AG AS3709 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 11
Detaile d Desc ri p t ion - P o w e r M a nagemen t Fu nc tions
necessary at low output loads, and therefore the efficiency
increases. As drawback, this mode increases the ripple up to a
higher output current.
The crossover point to low power mode is already reached at
reasonable high output currents. (e.g. @110mA for VIN = 3V,
VOUT = 1.2V, 1μH, 4MHz)
Figure 10:
DC/DC Buck High Efficiency Mode
Low Power Mode Operation (Automatically Controlled)
As soon as the output voltage stays above the desired target
value for a certain time, some internal blocks will be powered
down leaving the output floating to lower the power
consumption. Normal operation starts as soon as the output
drops below the target value for a similar amount of time. To
minimize the accuracy error some internal circuits are kept
powered to assure a minimized output voltage ripple.
Two addition guard bands, based on comparators, are set at
±5% of the target value to react quickly on large
over/undershoots by immediately turning on the output
drivers without the normal time delays. This ensures a
minimized ripple also in very extreme load conditions.
DVM (Dynamic Voltage Management)
To minimize the over-/undershoot during a change of the
output voltage, the DVM can be enabled. With DVM the output
voltage will ramp up/down with a selectable slope after the new
value was written to the registers. Without DVM the slew rate
of the output voltage is only determined by external
components like the coil and load capacitor as well as the load
current.
DVM can be selected for all step-down converters, but only for
one at a time. (see sd_dvm_select and dvm_time description)
DC/DC buck burst mode: Shows the
DC/DC switching waveforms for high
efficiency operation
VOUT (50mV/div)
LX (2V/div)
coil current (200mA/div)
time (20us/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com