Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 23 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 23 Page - ams AG

Back Button AS3709 Datasheet HTML 19Page - ams AG AS3709 Datasheet HTML 20Page - ams AG AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 23
Detaile d Desc ri p t ion - P o w e r M a nagemen t Fu nc tions
Figure 30:
Universal IO LDO Electrical Characteristics
Low Power LDO V2_5 Regulator
The low power LDO V2_5 is needed to supply the chip core
(analog and digital) of the device. It is designed to get the
lowest possible power consumption and still offering
reasonable characteristics. To ensure high PSRR and stability, a
low-ESR ceramic capacitor of min. 0.7μF must be connected to
the output.
Parameter
Figure 31:
Low Power V2_5 LDO Electrical Characteristics
Figure 32:
Universal IO LDO Electrical Characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
COUT_LDOx
Output Capacitor
Ceramic X5R or X7R
0.7
2.2
μF
CVIN_LDOx
Input Capacitor
Ceramic X5R or X7R
1
2.2
μF
Symbol
Parameter
Note
Min
Typ
Max
Unit
Supply Voltage Range
See VSUP
VOUT
Output Voltage
2.4
2.5
2.6
V
RON
On resistance
Guaranteed by design
50
Ω
IOFF
Shut down current
100
nA
IQ
Quiescent Current
Guaranteed by design,
consider chip internal
load for measurements
3μA
tSTART
Startup time
200
μs
Symbol
Parameter
Note
Min
Typ
Max
Unit
CV2_5
Output Capacitor
Ceramic X5R or X7R
0.7
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com