Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 29 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 29 Page - ams AG

Back Button AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG AS3709 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 29
Detaile d Desc rip t ion - S y st em Fu nc tions
Stand-by
Stand-by allows shutting down a part or the complete system.
Stand-by can be terminated by every possible interrupt or GPIO
of the PMU. The interrupt has to be enabled and GPIO has to be
configured before going to stand-by.
Figure 38:
Stand-by
Internal References
Low Power Mode
Use bit low_power_on to activate the Low Power Mode. In this
mode the on-chip voltage reference and the temperature
supervision comparators are operating in pulsed mode. This
reduces the quiescent current of the AS3709 by 45μA (typ.).
Because of the pulsed function some specifications are not
fulfilled in this mode (e.g. increased noise), but still the full
functionality is available.
Note(s): Low power mode can be controlled by the serial
interface.
State
Description
Enter via GPIO
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Set the GPIO to input (gpioX_mode = 0)
• Set the GPIO for stand-by control (gpioX_iosf = 6)
•Set regX_select to define the sequence for going into stand-by for up to 3 regulators
•Set regX_voltage_stby if another voltage is needing during stand-by
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Activate the selected GPIO
Enter via SW
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Set the delay for going into stand-by after the SW command (off_delay)
•Set standby_mode_on to 1
Stand-by
V2_5 chip supply is kept ON
All other regulators are switched OFF dependent on the bits sdX_stby_on and ldoX_stby_on
XRES goes active (can be disabled with standby_reset_disable) and pwr_good goes inactive
Leave
The chip will come out of stand-by with
• IRQ activation or
• GPIO control (if entered via GPIO)
Start-Up sequence is provided defined by the boot ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com