Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 2 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 2 Page - ams AG

  AS3709 Datasheet HTML 1Page - ams AG AS3709 Datasheet HTML 2Page - ams AG AS3709 Datasheet HTML 3Page - ams AG AS3709 Datasheet HTML 4Page - ams AG AS3709 Datasheet HTML 5Page - ams AG AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
AS3709 – 2
ams Datasheet, Confidential: 2013-Aug [1-02]
Applications
The device is ideal for:
• SSDs, mobile communication devices
•Laptops and PDAs
• Ultra-low-power systems
• Medical instruments or any other space-limited
application with low power-consumption requirements.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS3709 Block Diagram
GPIOs
DCDC1
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
LDO1
PMOS 0.6
0.8 – 3.3V
300mA
I2C
System
Control
&
Reference
Supervisor
(Supply & Temp)
POR
BOOT ROM
OTP
AS3709
LDO2
PMOS 0.6
0.8 – 3.3V
300mA
SCLK
ON
XRES
V2_5
VSSA
GPIO1
LDO1
VIN_LDO2
LDO2
VSS_LDO2
VSUP_SD1
LX_SD1
FB_SD1
PVSS_SD1
2.2uF
1uH
1uF
10uF
DCDC2
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSUP_SD2
LX_SD2
FB_SD2
PVSS_SD2
2.2uF
1uH
10uF
DCDC3
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSUP_SD3
LX_SD3
FB_SD3
PVSS_SD3
2.2uF
1uH
10uF
DCDC4
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSUP_SD4
LX_SD4
FB_SD4
PVSS_SD4
2.2uF
1uH
10uF
DCDC5
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSUP_SD5
LX_SD5
FB_SD5
PVSS_SD5
2.2uF
1uH
10uF
VSUP
VSUP
VSUP
VSUP
VSUP
SD1
SD2
SD3
SD4
SD5
GPIO2
SDA
2.2uF
2.2uF
VIN_LDO1
VSS_LDO1
2.2uF
2.2uF
VSUP
VSUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com