Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 20 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 20 Page - ams AG

Back Button AS3709 Datasheet HTML 16Page - ams AG AS3709 Datasheet HTML 17Page - ams AG AS3709 Datasheet HTML 18Page - ams AG AS3709 Datasheet HTML 19Page - ams AG AS3709 Datasheet HTML 20Page - ams AG AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
AS3709 – 20
ams Datasheet, Confidential: 2013-Aug [1-02]
D e t a i l ed D e scr i pt io n - P o w e r M a na ge me nt F u n c ti o n s
Figure 26:
DCDC SD3 + SD4 + SD5 Efficiency vs. Output Current
Figure 27:
DCDC SD3 + SD4 + SD5 Efficiency vs. Output Current
SD3 + SD4 + SD5 Efficiency vs. Output
Current: VIN = 3.7V, VOUT = 1.2V, 3MHz
operation, TA = +25°C
SD3 + SD4 + SD5 Efficiency vs. Output
Current: VIN = 3.7V, VOUT = 1.2V,
XFL4020 1
μH coil, TA = +25°C
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
1uH XFL4020, 11mΩ
1uH XFL4020, LN, 11mΩ
0.6uH XAL4020, 9mΩ
0.6uH XAL4020, LN, 9mΩ
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
2MHz
3MHz
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com