Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 16 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 16 Page - ams AG

Back Button AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG AS3709 Datasheet HTML 14Page - ams AG AS3709 Datasheet HTML 15Page - ams AG AS3709 Datasheet HTML 16Page - ams AG AS3709 Datasheet HTML 17Page - ams AG AS3709 Datasheet HTML 18Page - ams AG AS3709 Datasheet HTML 19Page - ams AG AS3709 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
AS3709 – 16
ams Datasheet, Confidential: 2013-Aug [1-02]
D e t a i l ed D e scr i pt io n - P o w e r M a na ge me nt F u n c ti o n s
Figure 18:
DCDC SD1 Efficiency vs. Output Current
SD1 Efficiency vs. Output Current: VIN = 3.7V, 3MHz operation, XFL4020 1uH coil, TA = +25°C
Figure 19:
DCDC SD1 Efficiency vs. Output Current
SD1 Efficiency vs. Output Current: VIN = 3.0V, 3MHz operation, XFL4020 1μH coil, TA = +25°C
LSDx
Inductor
4MHz operation
1
μH
3MHz operation
1
2MHz operation
2.2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.0V
Vout = 1.0V, low noise
Vout = 1.8V
Vout = 1.8V, low noise
Vout = 3.0V
Vout = 3.0V, low noise
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.2V
Vout = 1.2V, low noise
Vout = 2.5V
Vout = 2.5V, low noise
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.0V
Vout = 1.0V, low noise
Vout = 1.8V
Vout = 1.8V, low noise
40
45
50
55
60
65
70
75
80
85
90
95
100
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.2V
Vout = 1.2V, low noise
Vout = 2.5V
Vout = 2.5V, low noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com