Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 3 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 3 Page - ams AG

  AS3709 Datasheet HTML 1Page - ams AG AS3709 Datasheet HTML 2Page - ams AG AS3709 Datasheet HTML 3Page - ams AG AS3709 Datasheet HTML 4Page - ams AG AS3709 Datasheet HTML 5Page - ams AG AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 3
P i n A ssig n men t
The AS3709 pin assignments are described below.
Figure 3:
36 balls WL-CSP with 0.4mm Pitch
Figure 4:
32 pins QFN 4x4 with 0.4mm Pitch
Ball Assignments: Shows the top view
ball assignment of the AS3709 WL-CSP.
Pin Assignment: Shows the top view
pin assignment of the AS3709 QFN
package.
Pin Assignment
A2
XRES
A3
GPIO2
C1
VSUP
SD1
D2
PVSS
SD1
C2
LX_SD1
B3
ON
A4
VSSA
B2
SDA
B1
V2_5
C4
GPIO1
D3
LDO1
A1
SCL
B4
FB_SD5
C3
FB_SD1
D4
LDO2
Pin A1
indicator
A5
PVSS
SD5
B5
LX_SD5
C6
LX_SD4
D5
PVSS
SD4
B6
VSUP
SD5
C5
FB_SD4
E1
VSUP
SD2
F2
PVSS
SD2
E2
LX_SD2
E4
FB_SD3
F3
VIN
LDO1
E3
FB_SD2
F4
VIN
LDO2
E6
VSUP
SD3
F5
PVSS
SD3
E5
LX_SD3
1
3
5
7
AS3709
QFN 32-pin 4x4mm
Exposed Pad: GND
VSUP_SD1
SCL
LX_SD5
VSUP_SD4
PVSS_SD4
VSUP_SD3
PVSS_SD1
VSUP_SD2
24
22
20
18
LX_SD1
V2_5
FB_SD1
LX_SD2
23
21
19
17
2
4
6
8
VSUP_SD5
LX_SD4
FB_SD4
LX_SD3
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com