Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 28 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 28 Page - ams AG

Back Button AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
AS3709 – 28
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Note(s) and/or Footnote(s):
1. The selection of the range and level is done via OTP. It’s recommended to set the ResVoltRise level 200mV above the ResVoltFall
level to have a hysteresis.
2. 2.7V is the default value, other levels can be set via SW.
3. XRES signal is debounced with the specified mask time for rising- and falling slope of VSUP
4. VRES_FALL is only accepted if the reset condition is longer than VRES_MASK. This guard time is used to avoid a complete reset of
the system in case of short drops of VSUP.
Figure 37:
ResVoltRise/ResVoltFall Levels
Note: If bit reslevel_5V is “1”, then the 5.0V mode is selected.
VRES_MAS
K
Mask time for VXRES_fall
Duration for
VSUP < ResVoltFall
until a reset cycle is
started (3)
FastResEn = 0
3
ms
FastResEn = 1
4
μs
Mode
000
001
010
011
100
101
110
111
3.3V
2.7V
2.8V
2.9V
3.0V
3.1V
3.2V
3.3V
3.4V
5.0V
3.6V
3.7V
3.8V
3.9V
4.0V
4.1V
4.2V
4.4V
Symbol
Parameter
Note
Min
Typ
Max
Uni
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com