Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 47 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 47 Page - ams AG

Back Button AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG AS3709 Datasheet HTML 47Page - ams AG AS3709 Datasheet HTML 48Page - ams AG AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 47
Reg i st er Description
Figure 62:
SDcontrol Register (Address 10h)
Figure 63:
GPIOsignal_out Register (Address 20h)
Addr: 10h
SDcontrol
Bit
Bit Name
Default
Access
Bit Description
7-
'b0
N/A
Do not use
6
ldo2_enable
'b1
RW
Global LDO2 enable
  0 : LDO2 off
  1 : LDO2 on
5
ldo1_enable
'b1
RW
Global LDO1 enable
  0 : LDO1 off
  1 : LDO1 on
4
sd5_enable
'b1
RW
Global stepdown5 enable
  0 : SD off
  1 : SD on
3
sd4_enable
'b1
RW
Global stepdown4 enable
  0 : SD off
  1 : SD on
2
sd3_enable
'b1
RW
Global stepdown3 enable
  0 : SD off
  1 : SD on
1
sd2_enable
'b1
RW
Global stepdown2 enable
  0 : SD off
  1 : SD on
0
sd1_enable
'b1
RW
Global stepdown1 enable
  0 : SD off
  1 : SD on
Addr: 20h
GPIOsignal_out
Bit
Bit Name
Default
Access
Bit Description
7:2
-
'b0000
N/A
Do not use
1gpio2_out
0
RW
This bit determines the output signal of the GPIO2 pin
when selected as output source.
0gpio1_out
0
RW
This bit determines the output signal of the GPIO1 pin
when selected as output source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com