Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 30 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 30 Page - ams AG

Back Button AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG AS3709 Datasheet HTML 33Page - ams AG AS3709 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
AS3709 – 30
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Figure 39:
Reference Parameter
GPIO Pins
The device contains 2 GPIO pins. Each of the pins can be
configured as digital input, digital input (with pull-up or
pull-down), push-pull output or open drain output (with or
without pull-up). When configured as output the output source
can be a register bit, or the PWM generator.
The polarity of the input and output signals can be inverted
with the corresponding gpioX_invert bit, all further descriptions
refer to normal (non-inverted) mode.
Figure 40:
GPIO Block Diagram
GPIO block diagram: Shows the internal structure of the IO pads
Symbol
Parameter
Note
Min
Typ
Max
Unit
fCLK
Accuracy of Internal
reference clock
Adjustable by serial interface
register clk_int
-12
fCLK
+12
%
&
&
=1
&
=1
gpioX_out: 0
VSUP_low output: 2
Pwr_good output: 7
Q32k output: 8
Interrupt output: 1
n/a: 10
n/a: 11
n/a: 13
gpioX_in: 0
n/a: 4
vselect input: 5
Stand-by + vselect input: 6
GPIO Interrupt input: 3
n/a: 7
n/a: 12
n/a: 13
n/a: 15
gpioX_invert
gpioX_iosf
gpioX_iosf
gpioX_mode = 1, 2 or 6
gpioX_mode = 1
gpioX_mode = 0, 2, 4, 5 or 6
gpioX_mode = 4 or 6
gpioX_mode = 5
300k
300k
VSUP
GPIOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com