Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 21 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 21 Page - ams AG

Back Button AS3709 Datasheet HTML 17Page - ams AG AS3709 Datasheet HTML 18Page - ams AG AS3709 Datasheet HTML 19Page - ams AG AS3709 Datasheet HTML 20Page - ams AG AS3709 Datasheet HTML 21Page - ams AG AS3709 Datasheet HTML 22Page - ams AG AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 21
Detaile d Desc ri p t ion - P o w e r M a nagemen t Fu nc tions
Universal IO LDO Regulators
2 universal IO range LDOs offer a wide input (1.8V to 5.5V ) as
well as a wide output (0.8 to 3.3V) voltage range to be used for
general purpose peripheral supply. Up to 300mA possible
output currents are offered with good noise and regulation
performance and very low quiescent current even suitable for
stand-by power supply.
Figure 28:
Universal IO LDO Block Diagram
AS3709 LDO: Shows the detailed
Universal IO LDO Block Diagram
-
VIN_LDOx
LDOx
Error
Amplifier
Vref
2.2uF
2.2uF
PMOS
Power
Device
VSS_LDOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com