Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 42 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 42 Page - ams AG

Back Button AS3709 Datasheet HTML 38Page - ams AG AS3709 Datasheet HTML 39Page - ams AG AS3709 Datasheet HTML 40Page - ams AG AS3709 Datasheet HTML 41Page - ams AG AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
AS3709 – 42
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Detailed Register Description
Figure 53:
SD1Voltage Register (Address 00h)
Figure 54:
SD2Voltage Register (Address 01h)
Addr: 00h
SD1Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd1_frequ
0
RW
Selects between high and low frequency dependent
on sd1_fsel
0 : 2MHz if sd1_fsel=0, 3MHz if sd1_fsel=1
1 : 3MHz if sd1_fsel=0, 4MHz if sd1_fsel=1
6:0
sd1_vsel
'b0000000
RW
The voltage select bits set the SD1 output voltage
level and power the SD1 converter down.
00h : SD1 powered down
01h-40h : V_SD1=0.6V+sd1_vsel*12.5mV
41h-70h : V_SD1=1.4V+(sd1_vsel-40h)*25mV
71h-7Fh : V_SD1=2.6V+(sd1_vsel-70h)*50mV
Addr: 01h
SD2Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd2_frequ
0
RW
Selects between high and low frequency dependent
on sd2_fsel
0 : 2MHz if sd2_fsel=0, 3MHz if sd2_fsel=1
1 : 3MHz if sd2_fsel=0, 4MHz if sd2_fsel=1
6:0
sd2_vsel
'b000
0000
RW
The voltage select bits set the SD2 output voltage
level and power the SD2 converter down.
00h : SD2 powered down
01h-40h : V_SD2=0.6V+sd2_vsel*12.5mV
41h-70h : V_SD2=1.4V+(sd2_vsel-40h)*25mV
71h-7Fh : V_SD2=2.6V+(sd2_vsel-70h)*50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com