Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 124 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics UM1865 Datasheet HTML 124Page - STMicroelectronics UM1865 Datasheet HTML 125Page - STMicroelectronics UM1865 Datasheet HTML 126Page - STMicroelectronics UM1865 Datasheet HTML 127Page - STMicroelectronics UM1865 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 132 page
background image
Vendor specific commands
UM1865
124/132
DocID027514 Rev 1
4.7.10
Number_Of_Packet_Sent_in_DirectTX
Description:
During the Direct Test mode, in the TX tests, the number of packets sent in the test is not
returned when executing the Direct Test End command. This command implements this
feature.
If the Direct TX test is started, a 32-bit counter will be used to count how many packets have
been transmitted. After the Direct Test End, this command can be used to check how many
packets were sent during the Direct TX test.
The counter starts from 0 and counts upwards. As would be the case if 32-bits are all used,
the counter wraps back and starts from 0 again. The counter is not cleared until the next
Direct TX test starts.
Event(s) generated:
The controller will generate a command complete event.
4.7.11
Tone_Start
Description:
This command starts a carrier frequency, i.e. a tone, on a specific channel. The frequency
sine wave at the specific channel may be used for debugging purpose only. The channel ID
is a parameter from 0x00 to 0x27 for the 40 BLE channels, e.g. 0x00 for 2.402 GHz, 0x01
for 2.404 GHz etc.
This command should not be used when normal Bluetooth activities are ongoing.
The tone should be stopped by Tone_Stop command.
Table 290. Number_Of_Packet_Sent_in_DirectTX
Command name
Parameters
Return
Number_Of_Packet_Sent_in_DirectTX (0xFC14)
Status
Packet Counter
Table 291. Number_Of_Packet_Sent_in_DirectTX return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
Packet counter
4 bytes
Number of packets sent during the last Direct TX test
Table 292. Tone_Start
Command name
Parameters
Return
Tone_Start (0xFC15)
Channel ID
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com