Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 122 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics UM1865 Datasheet HTML 124Page - STMicroelectronics UM1865 Datasheet HTML 125Page - STMicroelectronics UM1865 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 132 page
background image
Vendor specific commands
UM1865
122/132
DocID027514 Rev 1
The controller will generate a command complete event.
4.7.8
Set_Tx_power_level
Description:
This command sets the TX power level of the BlueNRG-MS. By controlling the
EN_HIGH_POWER and the PA_LEVEL, the combination of the 2 determines the output
power level (dBm). See the table below.
When the system starts up or reboots, the default TX power level will be used, which is the
maximum value of 8 dBm. Once this command is given, the output power will be changed
instantly, regardless if there is Bluetooth communication going on or not. For example, for
debugging purpose, the BlueNRG-MS can be set to advertise all the time. And use this
command to observe the signal strength changing.
The system will keep the last received TX power level from the command, i.e. the 2nd
command overwrites the previous TX power level. The new TX power level remains until
another Set TX Power command, or the system reboots.
Table 284. Set_Tx_power_level
Command name
Parameters
Return
Set_Tx_power_level (0xFC0F)
EN_HIGH_POWER
PA_LEVEL
Status
Table 285. Set_Tx_power_level command parameters
Parameter
Size
Description
EN_HIGH_POWER 1 byte
Can be only 0 or 1. Set high power bit on or off.
PA_LEVEL
1 byte
Can be from 0 to 7. Set the PA level value.
Table 286. Tx_power_level command parameters combination
EN_HIGH_POWER
PA_LEVEL
TX Power Level (dBm)
0
0
-18
0
1
-14.7
0
2
-11.4
0
3
-8.1
0
4
-4.9
0
5
-1.6
0
6
1.7
0
7
5.0
1
0
-15
1
1
-11.7
1
2
-8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com