Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 119 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 132 page
background image
DocID027514 Rev 1
119/132
UM1865
Vendor specific commands
132
4.7.4
Hal_IO_set_bit
Description:
Set the value of a given IO.
Event(s) generated:
The controller will generate a command complete event.
4.7.5
Hal_IO_get_bit
Description:
Request the value of a pin.
Table 271. Hal_IO_set_bit
Command name
Parameters
Return
Hal_IO_set_bit (0xFC03)
Index
Value
Status
Table 272. Hal_IO_set_bit command parameters
Parameter
Size
Description
Index
1 byte
The index of the pin to be manipulated.
Value
1 byte
A value equal to “0” reset the state of the pin; a different value set
the pin to high.
Table 273. Hal_IO_set_bit return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x47: BLE_STATUS_ERROR
Table 274. Hal_IO_get_bit
Command name
Parameters
Return
Hal_IO_get_bit (0xFC04)
Index
Status
Value
Table 275. Hal_IO_get_bit command parameters
Parameter
Size
Description
Index
1 byte
The index of the pin to be manipulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com