Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 116 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 132 page
background image
Vendor specific commands
UM1865
116/132
DocID027514 Rev 1
4.6.7
Evt_Blue_Gatt_Read_Multi_Permit_Req
This event is given to the application when a read multiple request or read by type request is
received by the server from the client. This event will be given to the application only if the
event bit for this event generation is set when the characteristic was added.
On receiving this event, the application can update the values of the handles if it desires and
when done, it has to send the Aci_Gatt_Allow_Read command to indicate to the stack that it
can send the response to the client.
4.6.8
Other GATT VS Events
Table 262. Evt_Blue_Gatt_Read_Permit_Req
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
Handle of the connection on which there was the request to read
the attribute
Attribute handle
2 bytes
The handle of the attribute that has been requested by the client
to be read
Datalen
1 byte
Length of the data to follow
Data
0-N bytes
Contains the offset from which the read has been requested
Table 263. Evt_Blue_Gatt_Read_Multi_Permit_Req
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
Handle of the connection which requested to read the attribute
data_len
1 byte
The length of the data to follow
data buffer
0-N bytes
The handles of the attributes that have been requested by the
client for a read
Table 264. Other GATT VS Events
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
Connection handle on which the gatt procedure is running
data_len
1 byte
The length of the data to follow if any
data buffer
0-N bytes
Indicates whether the procedure completed with error
(BLE_STATUS_FAILED) or was successful
(BLE_STATUS_SUCCESS). This event will be generated when
any one of the GATT client procedures are started by the
application. The application has to associate the event with the
procedure it had started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com