Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 115 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 111Page - STMicroelectronics UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 132 page
background image
DocID027514 Rev 1
115/132
UM1865
Vendor specific commands
132
4.6.5
Evt_Blue_Gatt_Write_Permit_req
This event is given to the application when a write request, write command or signed write
command is received by the server from the client. This event will be given to the application
only if the event bit for this event generation is set when the characteristic was added.
When this event is received, the application has to check whether the value being requested
for write can be allowed to be written and respond with the command Aci_Gatt_Write_Resp.
The details of the parameters of the command can be found. Based on the response from
the application, the attribute value will be modified by the stack. If the write is rejected by the
application, then the value of the attribute will not be modified. In case of a write REQ, an
error response will be sent to the client, with the error code as specified by the application.
In case of write/signed write commands, no response is sent to the client but the attribute is
not modified.
4.6.6
Evt_Blue_Gatt_Read_Permit_Req
This event is given to the application when a read request or read blob request is received
by the server from the client. This event will be given to the application only if the event bit
for this event generation is set when the characteristic was added.
On receiving this event, the application can update the value of the handle if it desires and
when done, it has to send the Aci_Gatt_Allow_Read command to indicate to the stack that it
can send the response to the client.
Table 260. Evt_Blue_Gatt_Disc_Read_Charac_By_UUID_Resp
Parameter
Size
Description
Event_code
2 bytes
The event code of the vendor specific
event
Connection_Handle
2 bytes
Connection handle where the procedure
started.
Data_len
1 byte
Length of following data
Attribute_Handle
2 bytes
Handle of the discovered attribute
Attribute_Value
(Data_len - 2) bytes
Attribute value
Table 261. Evt_Blue_Gatt_Write_Permit_req
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
Handle of the connection on which there was the request to write
the attribute
Attribute handle
2 bytes
The handle of the attribute for which the write request has been
made by the client
data_len
1 byte
The length of the data to follow
data buffer
0-N bytes
The data that the client has requested to write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com