Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 111 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 107Page - STMicroelectronics UM1865 Datasheet HTML 108Page - STMicroelectronics UM1865 Datasheet HTML 109Page - STMicroelectronics UM1865 Datasheet HTML 110Page - STMicroelectronics UM1865 Datasheet HTML 111Page - STMicroelectronics UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 132 page
background image
DocID027514 Rev 1
111/132
UM1865
Vendor specific commands
132
4.5.43
Aci_Gatt_Read_Handle_Value
Description:
Reads the value of the attribute handle specified.
Event(s) generated:
A command complete event is returned when this command is received. The event will
contain the length and value of the attribute handle specified.
4.5.44
Aci_Gatt_Read_Handle_Value_Offset
Description:
The command returns the value of the attribute handle from the specified offset. If the length
to be returned is greater than 128, then only 128 bytes are returned. The application should
send this command with incremented offsets until it gets an error with the offset it specified
or the number of byes of attribute value returned is less than 128.
Table 250. Aci_Gatt_Read_Handle_Value
Command name
Parameters
Return
Aci_Gatt_Read_Handle_Value (0xFD2A)
Attribute handle
Status value
Table 251. Aci_Gatt_Read_Handle_Value command parameters
Parameter
Size
Description
Attribute handle
2 bytes
Handle of the attribute to read
Table 252. Aci_Gatt_Read_Handle_Value return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x41: BLE_STATUS_FAILED
0x12: ERR_INVALID_HCI_CMD_PARAMS
Length
2 bytes
Length of the value
Value
0-N bytes
Value read. The length is as specified in the Length field.
Table 253. Aci_Gatt_Read_Handle_Value_Offset
Command name
Parameters
Return
Aci_Gatt_Read_Handle_Value_Offset
(0xFD2B)
Attribute Handle
Offset
Status
Attribute value Length
Attribute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com