Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1865 Datasheet(PDF) 113 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 109Page - STMicroelectronics UM1865 Datasheet HTML 110Page - STMicroelectronics UM1865 Datasheet HTML 111Page - STMicroelectronics UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 132 page
background image
DocID027514 Rev 1
113/132
UM1865
Vendor specific commands
132
4.6
GATT VS events
4.6.1
Evt_Blue_Gatt_Attribute_modified
This event is generated to the application by the GATT server when a client modifies any
attribute on the server.
Table 256. GATT VS events
Item
Event
EGID
EID
ECODE
1
Evt_Blue_Gatt_Attribute_modified
0x03
0x01
0x0C01
2
Evt_Blue_Gatt_Procedure_Timeout
0x03
0x02
0x0C02
3
Evt_Blue_Att_Exchange_MTU_Resp
0x03
0x03
0x0C03
4
Evt_Blue_Att_Find_Information_Resp
0x03
0x04
0x0C04
5
Evt_Blue_Att_Find_By_Type_Value_Resp
0x03
0x05
0x0C05
6
Evt_Blue_Att_Read_By_Type_Resp
0x03
0x06
0x0C06
7
Evt_Blue_Att_Read_Resp
0x03
0x07
0x0C07
8
Evt_Blue_Att_Read_Blob_Resp
0x03
0x08
0x0C08
9
Evt_Blue_Att_Read_Multiple_Resp
0x03
0x09
0x0C09
10
Evt_Blue_Att_Read_By_Group_Type_Resp
0x03
0x0A
0x0C0A
11
Evt_Blue_Att_Write_Resp
0x03
0x0B
0x0C0B
12
Evt_Blue_Att_Prepare_Write_Resp
0x03
0x0C
0x0C0C
13
Evt_Blue_Att_Exec_Write_Resp
0x03
0x0D
0x0C0D
14
Evt_Blue_Gatt_Indication
0x03
0x0E
0x0C0E
15
Evt_Blue_Gatt_notification
0x03
0x0F
0X0C0F
16
Evt_Blue_Gatt_Procedure_Complete
0x03
0x10
0X0C10
17
Evt_Blue_Gatt_Error_Response
0x03
0x11
0X0C11
18
Evt_Blue_Gatt_Disc_Read_Charac_By_UUID_Resp
0x03
0x12
0X0C12
19
Evt_Blue_Gatt_Write_Permit_req
0x03
0x13
0X0C13
20
Evt_Blue_Gatt_Read_Permit_Req
0x03
0x14
0X0C14
21
Evt_Blue_Gatt_Read_Multi_Permit_Req
0x03
0x15
0X0C15
Table 257. Evt_Blue_Gatt_Attribute_modified
Parameter
Size
Description
Event code
2 bytes
The event code of the vendor specific event
Connection handle
2 bytes
The connection handle which modified the attribute
Attribute handle
2 bytes
Handle of the attribute that was modified
data_length
1 byte
The length of the data to follow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com