Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 245Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 246Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 247Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 248Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 249Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 250Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 251Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 252Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 249
PIC17C7XX
FIGURE 20-4: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET TIMING
TABLE 20-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET REQUIREMENTS
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
100 *
—
—
ns
VDD = 5V
31
TWDT
Watchdog Timer Time-out Period
(Postscale = 1)
5 *
12
25 *
ms
VDD = 5V
32
TOST
Oscillation Start-up Timer Period
—
1024TOSC§
—
ms
TOSC = OSC1 period
33
TPWRT
Power-up Timer Period
40 *
96
200 *
ms
VDD = 5V
34
TIOZ
MCLR to I/O hi-impedance
100 ‡
—
—
ns
Depends on pin load
35
TmcL2adI
MCLR to System
Interface bus
(AD15:AD0>) invalid
PIC17C7XX
—
—
100 *
ns
PIC17LC7XX
—
—
120 *
ns
36
TBOR
Brown-out Reset Pulse Width (low)
100 *
—
—
ns
3.9V
≤ VDD ≤ 4.2V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
∞C unless otherwise stated. These parameters are for design guidance only and are
not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
§
This specification ensured by design.
VDD
MCLR
Internal
POR / BOR
PWRT
Time-out
OSC
Time-out
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
Address /
Data
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com