Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 248Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 249Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 250Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 251Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 252Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 253Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 254Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 255Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 328 page
background image
PIC17C7XX
DS30289A-page 252
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 20-9: SPI MASTER MODE TIMING (CKE = 0)
TABLE 20-9:
SPI MODE REQUIREMENTS (MASTER MODE, CKE = 0)
Param.
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
70
TssL2scH,
TssL2scL
SS
↓ to SCK↓ or SCK↑ input
TCY *—
—
ns
71
TscH
SCK input high time
(slave mode)
Continuous 1.25TCY + 30 *
—
—
ns
71A
Single Byte
40
—
—
ns
Note 1
72
TscL
SCK input low time
(slave mode)
Continuous 1.25TCY + 30 *
—
—
ns
72A
Single Byte
40
—
—
ns
Note 1
73
TdiV2scH,
TdiV2scL
Setup time of SDI data input to SCK
edge
100 *
—
—
ns
73A
TB2B
Last clock edge of Byte1 to the 1st clock
edge of Byte2
1.5TCY + 40 *
—
—
ns
Note 1
74
TscH2diL,
TscL2diL
Hold time of SDI data input to SCK edge
100 *
—
—
ns
75
TdoR
SDO data output rise time
—
10
25 *
ns
76
TdoF
SDO data output fall time
—
10
25 *
ns
78
TscR
SCK output rise time (master mode)
—
10
25 *
ns
79
TscF
SCK output fall time (master mode)
—
10
25 *
ns
80
TscH2doV,
TscL2doV
SDO data output valid after SCK edge
—
—
50 *
ns
*
Characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Specification 73A is only required if specifications 71A and 72A are used.
SS
SCK
(CKP = 0)
SCK
(CKP = 1)
SDO
SDI
70
71
72
73
74
75, 76
78
79
80
79
78
MSb
LSb
BIT6 - - - - - -1
MSb IN
LSb IN
BIT6 - - - -1
Refer to Figure 20-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com