Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 257 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 257 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 253Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 254Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 255Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 256Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 257Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 258Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 259Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 260Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 257
PIC17C7XX
FIGURE 20-14: I2C BUS DATA TIMING
TABLE 20-14: I2C BUS DATA REQUIREMENTS
Param No.
Sym
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock high time
100 kHz mode
2(TOSC)(BRG + 1) §
—
ms
400 kHz mode
2(TOSC)(BRG + 1) §
—
ms
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
ms
101
TLOW
Clock low time
100 kHz mode
2(TOSC)(BRG + 1) §
—
ms
400 kHz mode
2(TOSC)(BRG + 1) §
—
ms
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
ms
102
TR
SDA and SCL
rise time
100 kHz mode
—
1000 *
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb *
300 *
ns
1 MHz mode (1)
—
300 *
ns
103
TF
SDA and SCL
fall time
100 kHz mode
—
300 *
ns
Cb is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1Cb *
300 *
ns
1 MHz mode (1)
—
100 *
ns
90
TSU:STA
START condition
setup time
100 kHz mode
2(TOSC)(BRG + 1) §
—
ms
Only relevant for repeated
START condition
400 kHz mode
2(TOSC)(BRG + 1) §
—
ms
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
ms
91
THD:STA
START condition
hold time
100 kHz mode
2(TOSC)(BRG + 1) §
—
ms
After this period the first
clock pulse is generated
400 kHz mode
2(TOSC)(BRG + 1) §
—
ms
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
ms
106
THD:DAT
Data input
hold time
100 kHz mode
0
—
ns
400 kHz mode
0
0.9 *
ms
1 MHz mode (1)
TBD *
—
ns
107
TSU:DAT
Data input
setup time
100 kHz mode
250 *
—
ns
Note 2
400 kHz mode
100 *
—
ns
1 MHz mode (1)
TBD *
—
ns
92
TSU:STO
STOP condition
setup time
100 kHz mode
2(TOSC)(BRG + 1) §
—
ms
400 kHz mode
2(TOSC)(BRG + 1) §
—
ms
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
ms
109
TAA
Output valid
from clock
100 kHz mode
—
3500 *
ns
400 kHz mode
—
1000 *
ns
1 MHz mode (1)
——
ns
110
TBUF
Bus free time
100 kHz mode
4.7 ‡
—
ms
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3 ‡
—
ms
1 MHz mode (1)
TBD *
—
ms
D102 ‡
Cb
Bus capacitive loading
—
400 *
pF
*
Characterized but not tested.
§
This specification ensured by design.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1:
Maximum pin capacitance = 10 pF for all I2C pins.
2:
A fast-mode (400 KHz) I2C-bus device can be used in a standard-mode I2C-bus system, but the parameter # 107
≥ 250 ns
must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If
such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line.
Parameter # 102 + # 107 = 1000 + 250 = 1250 ns (for 100 kHz-mode) before the SCL line is released.
3:
Cb is specified to be from 10-400pF. The minimum specifications are characterized with Cb=10pF. The rise time spec (tr)
is characterized with Rp=Rp min. The minimum fall time specification (tf) is characterized with Cb=10pF, and Rp=Rp max.
These are only valid for fast mode operation (VDD=4.5-5.5V) and where the SPM bit (SSPSTAT<7>)=1.)
4:
Max specifications for these parameters are valid for falling edge only. Specs are characterized with Rp=Rp min and
Cb=400pF for standard mode, 200pF for fast mode, and 10pF for 1MHz mode.
Note: Refer to Figure 20-1 for load conditions.
90
91
92
100
101
103
106
107
109
109
110
102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com