Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 260 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 260 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 256Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 257Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 258Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 259Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 260Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 261Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 262Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 263Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 328 page
background image
PIC17C7XX
DS30289A-page 260
Preliminary
© 1998 Microchip Technology Inc.
TABLE 20-19: A/D CONVERTER CHARACTERISTICS
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10
bit
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
10*
bit
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A02
EABS
Absolute error
—
—
<
±1
LSb
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
<
±1*
LSb
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A03
EIL
Integral linearity error
—
—
<
±1
LSb
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
<
±1*
LSb
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A04
EDL
Differential linearity error
—
—
<
±1
LSb
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
<
±1*
LSb
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A05
EFS
Full scale error
—
—
<
±1
LSb
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
<
±1*
LSb
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A06
EOFF
Offset error
—
—
<
±1
LSb
VREF+ = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF+
—
—
<
±1*
LSb
(VREF+ — VREF-)
≥ 3.0V,
VREF-
≤ VAIN ≤ VREF+
A10
—
Monotonicity
—
guaran-
teed
——
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference voltage
(VREF+ — VREF-)
0V
—
—
V
VREF delta when changing voltage lev-
els on VREF inputs.
A20A
3V *
—
—
V
Absolute minimum electrical spec.
To ensure 10-bit accuracy
A21
VREF+
Reference voltage High
AVSS
+ 3.0V
—AVDD +
0.3V
V
A22
VREF-
Reference voltage Low
AVSS
- 0.3V
—AVDD -
3.0V
V
A25
VAIN
Analog input voltage
AVSS
- 0.3V
—VREF +
0.3V
V
A30
ZAIN
Recommended impedance of
analog voltage source
—
—
10.0
k
Ω
A40
IAD
A/D conversion
current (VDD)
PIC17CXXX
—
180
—
µA
Average current consumption when
A/D is on. (Note 1)
PIC17LCXXX
—
90
—
µA
A50
IREF
VREF input current (Note 2)
10
—
1000
µA
During VAIN acquisition.
Based on differential of VHOLD to VAIN.
——
10
µA
During A/D conversion cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec includes
any such leakage from the A/D module.
2:
VREF current is from RG0 and RG1 pins or AVDD and AVSS pins, whichever is selected as reference input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com