Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 285 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 285 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 281Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 282Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 283Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 284Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 285Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 286Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 287Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 288Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 285
PIC17C7XX
APPENDIX E: I2C OVERVIEW
This section provides an overview of the Inter-Inte-
grated Circuit (I2C) bus, with Section 15.2 discussing
the operation of the SSP module in I2C mode.
The I2C bus is a two-wire serial interface developed by
the Philips Corporation. The original specification, or
standard mode, was for data transfers of up to
100 Kbps. This device will communicate with fast mode
devices if attached to the same bus.
The I2C interface employs a comprehensive protocol to
ensure reliable transmission and reception of data.
When transmitting data, one device is the “master”
which initiates transfer on the bus and generates the
clock signals to permit that transfer, while the other
device(s) acts as the “slave.” All portions of the slave
protocol are implemented in the SSP module’s hard-
ware, including general call support. Table E-1 defines
some of the I2C bus terminology. For additional infor-
mation on the I2C interface specification, refer to the
Philips document “
The I2C bus and how to use it.”
#939839340011, which can be obtained from the Phil-
ips Corporation.
In the I2C interface protocol each device has an
address. When a master wishes to initiate a data trans-
fer, it first transmits the address of the device that it
wishes to “talk” to. All devices “listen” to see if this is
their address. Within this address, a bit specifies if the
master wishes to read-from/write-to the slave device.
The master and slave are always in opposite modes
(transmitter/receiver) of operation during a data trans-
fer. That is they can be thought of as operating in either
of these two relations:
• Master-transmitter and Slave-receiver
• Slave-transmitter and Master-receiver
In both cases the master generates the clock signal.
The output stages of the clock (SCL) and data (SDA)
lines must have an open-drain or open-collector in
order to perform the wired-AND function of the bus.
External pull-up resistors are used to ensure a high
level when no device is pulling the line down. The num-
ber of devices that may be attached to the I2C bus is
limited only by the maximum bus loading specification
of 400 pF.
E.1
Initiating and Terminating Data
Transfer
During times of no data transfer (idle time), both the
clock line (SCL) and the data line (SDA) are pulled high
through the external pull-up resistors. The START and
STOP conditions determine the start and stop of data
transmission. The START condition is defined as a high
to low transition of the SDA when the SCL is high. The
STOP condition is defined as a low to high transition of
the SDA when the SCL is high. Figure E-1 shows the
START and STOP conditions. The master generates
these conditions for starting and terminating data trans-
fer. Due to the definition of the START and STOP con-
ditions, when data is being transmitted, the SDA line
can only change state when the SCL line is low.
FIGURE E-1:
START AND STOP
CONDITIONS
SDA
SCL
S
P
Start
Condition
Change
of Data
Allowed
Change
of Data
Allowed
Stop
Condition
TABLE E-1:
I2C BUS TERMINOLOGY
Term
Description
Transmitter
The device that sends the data to the bus.
Receiver
The device that receives the data from the bus.
Master
The device which initiates the transfer, generates the clock and terminates the transfer.
Slave
The device addressed by a master.
Multi-master
More than one master device in a system. These masters can attempt to control the bus at the
same time without corrupting the message.
Arbitration
Procedure that ensures that only one of the master devices will control the bus. This ensure that
the transfer data does not get corrupted.
Synchronization
Procedure where the clock signals of two or more devices are synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com