Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 279Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 280Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 281Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 282Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 283Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 284Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 285Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 286Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 283
PIC17C7XX
APPENDIX A: MODIFICATIONS
The following is the list of modifications over the
PIC16CXX microcontroller family:
1.
Instruction word length is increased to 16-bit.
This allows larger page sizes both in program
memory (8 Kwords verses 2 Kwords) and regis-
ter file (256 bytes versus 128 bytes).
2.
Four modes of operation: microcontroller, pro-
tected microcontroller, extended microcontroller,
and microprocessor.
3.
22 new instructions.
The MOVF, TRIS and OPTION instructions have
been removed.
4.
Four new instructions (TLRD, TLWT, TABLRD,
TABLWT
) for transferring data between data
memory and program memory. They can be
used to “self program” the EPROM program
memory.
5.
Single cycle data memory to data memory
transfers possible (MOVPF and MOVFP instruc-
tions). These instructions do not affect the Work-
ing register (WREG).
6.
W register (WREG) is now directly addressable.
7.
A PC high latch register (PCLATH) is extended
to 8-bits. The PCLATCH register is now both
readable and writable.
8.
Data memory paging is redefined slightly.
9.
DDR registers replaces function of TRIS regis-
ters.
10. Multiple Interrupt vectors added. This can
decrease the latency for servicing interrupts.
11. Stack size is increased to 16 deep.
12. BSR register for data memory paging.
13. Wake up from SLEEP operates slightly differ-
ently.
14. The Oscillator Start-Up Timer (OST) and
Power-Up Timer (PWRT) operate in parallel and
not in series.
15. PORTB interrupt on change feature works on all
eight port pins.
16. TMR0 is 16-bit plus 8-bit prescaler.
17. Second indirect addressing register added
(FSR1 and FSR2). Configuration bits can select
the FSR registers to auto-increment, auto-dec-
rement, remain unchanged after an indirect
address.
18. Hardware multiplier added (8 x 8
→ 16-bit)
19. Peripheral modules operate slightly differently.
20. A/D has both a VREF+ and VREF-.
21. USARTs do not implement BRGH feature.
22. Oscillator modes slightly redefined.
23. Control/Status bits and registers have been
placed in different registers and the control bit
for globally enabling interrupts has inverse
polarity.
24. In-circuit serial programming is implemented dif-
ferently.
APPENDIX B: COMPATIBILITY
To
convert
code
written
for
PIC16CXXX
to
PIC17CXXX, the user should take the following steps:
1.
Remove any TRIS and OPTION instructions,
and implement the equivalent code.
2.
Separate the interrupt service routine into its
four vectors.
3.
Replace:
MOVF
REG1, W
with:
MOVFP
REG1, WREG
4.
Replace:
MOVF
REG1, W
MOVWF
REG2
with:
MOVPF
REG1, REG2 ; Addr(REG1)<20h
or
MOVFP
REG1, REG2 ; Addr(REG2)<20h
5.
Ensure that all bit names and register names are
updated to new data memory map locations.
6.
Verify data memory banking.
7.
Verify mode of operation for indirect addressing.
8.
Verify peripheral routines for compatibility.
9.
Weak pull-ups are enabled on reset.
Upgrading from PIC17C42 Devices
To convert code from the PIC17C42 to all the other
PIC17CXXX devices, the user should take the following
steps.
1.
If the hardware multiply is to be used, ensure
that any variables at address 18h and 19h are
moved to another address.
2.
Ensure that the upper nibble of the BSR was not
written with a non-zero value. This may cause
unexpected operation since the RAM bank is no
longer 0.
3.
The disabling of global interrupts has been
enhanced so there is no additional testing of the
GLINTD bit after a BSF
CPUSTA,
GLINTD
instruction.
Note:
If REG1 and REG2 are both at addresses
greater then 20h, two instructions are
required.
MOVFP
REG1, WREG ;
MOVPF
WREG, REG2 ;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com