Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 275Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 276Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 277Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 278Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 279Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 280Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 281Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 282Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 279
PIC17C7XX
Package Type:
K04-093 84-Lead Plastic Leaded Chip Carrier (L) – Square
* Controlling Parameter.
† Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
0.022
0.003
0.050
0.013
0.023
0.008
1.095
1.095
1.150
1.150
1.185
1.185
0.010
0.042
0.042
0.020
0.090
0.165
MIN
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
J-Bend Inside Radius
Shoulder Inside Radius
Upper Lead Length
Lower Lead Width
Upper Lead Width
Lead Thickness
Pins along Width
Footprint Length
Footprint Width
Molded Pack. Length
Molded Pack. Width
Overall Pack. Length
Overall Pack. Width
Corner Chamfer(other)
Corner Chamfer (1)
Side 1 Chamfer Dim.
Shoulder Height
Overall Pack. Height
Standoff
R2
R1
α
β
L
B
B1†
D2
E2
CH2
CH1
A3
A2
E1
c
n1
E‡
D‡
D1
A1
A
Number of Pins
Dimension Limits
Units
n
1.27
0.050
0
0
0.005
0.027
5
5
0.058
0.018
0.028
0.032
0.010
0.065
0.023
0.033
10
10
1.190
1.110
0.010
1.110
21
1.154
1.154
1.190
0.015
0.045
0.045
0.025
0.105
0.173
1.195
0.012
1.125
1.125
1.158
1.158
1.195
0.020
0.048
0.048
0.030
0.120
0.180
0.69
0.13
1.46
0.46
0.71
0.08
0.56
0
0
1.27
0.33
0.58
5
5
0.25
0.81
10
10
1.65
0.58
0.84
0.25
28.19
28.19
29.31
29.31
30.23
30.23
0.38
1.14
1.14
0.64
2.67
4.38
30.10
27.81
0.20
27.81
29.21
29.21
30.10
0.25
1.07
1.07
0.51
2.29
4.19
30.35
21
28.58
0.30
28.58
29.41
29.41
30.35
0.51
1.22
1.22
0.76
3.05
4.57
INCHES*
NOM
84
MAX
MILLIMETERS
MIN
NOM
MAX
84
1
CH2 x 45
°
n
CH1 x 45
°
2
β
R2
A1
R1
c
E2
D1
D
# leads = n1
E1
E
α
L
p
A3
A2
A
B1
B
45
°
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com