Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 273Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 274Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 275Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 276Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 277Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 278Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 279Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 280Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 277
PIC17C7XX
22.0
PACKAGING INFORMATION
Package Type:
K04-085 64-Lead Plastic Thin Quad Flatpack (PT)
10x10x1 mm Body, 1.0/0.1 mm Lead Form
MIN
p
Pitch
Mold Draft Angle Bottom
Mold Draft Angle Top
Pin 1 Corner Chamfer
Molded Pack. Width
Molded Pack. Length
Outside Tip Width
Outside Tip Length
Lower Lead Width
Lead Thickness
Radius Centerline
Foot Angle
Foot Length
Gull Wing Radius
Shoulder Radius
Shoulder Height
Overall Pack. Height
Pins along Width
Number of Pins
Standoff
α
β
E‡
X
D‡
R2
E1
D1
B†
c
φ
L1
L
R1
A2
A1
n1
A
n
Dimension Limits
Units
0.50
0.020
15
15
7
12
10
0.035
0.394
0.394
5
5
0.025
0.390
0.390
15
15
0.045
0.398
0.398
0.472
0.472
0.009
0.006
0.008
3.5
0.012
0.006
0.003
0.004
0.025
0.043
16
64
0.003
0.004
0.463
0.463
0.007
0.003
0.005
0
0.003
0.002
0.015
0.039
0.008
0.008
0.482
0.482
0.011
0.013
0.015
7
0.010
0.006
0.035
0.047
10.00
10.00
0.64
9.90
9.90
5
5
10
12
0.89
10.10
10.10
1.14
12.00
12.00
0.08
11.75
11.75
0.17
0.09
0.08
0.13
0
0.08
0.05
0.38
1.00
0.20
0.14
0.15
0.22
0.20
3.5
0.30
0.20
12.25
12.25
0.27
0.33
0.38
0.08
0.10
0.64
1.10
16
64
0.25
0.15
0.89
1.20
NOM
INCHES
MAX
NOM
MILLIMETERS*
MIN
MAX
X x 45
°
n
1
2
R2
R1
L1
L
β
c
φ
D1
D
B
p
# leads = n1
E
E1
α
A1
A2
A
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com