Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 280 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 280 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 276Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 277Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 278Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 279Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 280Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 281Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 282Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 283Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 328 page
background image
PIC17C7XX
DS30289A-page 280
© 1998 Microchip Technology Inc.
Package Type:
K04-092 80-Lead Plastic Thin Quad Flatpack (PT)
12x12x1 mm Body, 1.0/0.1 mm Lead Form
0.025
0.462
0.462
0.542
0.542
0.007
0.004
0.003
0.005
0.003
0.003
0.002
0.015
0.039
Units
Mold Draft Angle Bottom
Mold Draft Angle Top
Pin 1 Corner Chamfer
Molded Pack. Width
Molded Pack. Length
Outside Tip Width
Outside Tip Length
Lower Lead Width
Lead Thickness
Radius Centerline
Gull Wing Radius
Shoulder Radius
Shoulder Height
Overall Pack. Height
Pins along Width
Number of Pins
Dimension Limits
Standoff
Foot Angle
Foot Length
Pitch
E‡
β
α
X
E1
D‡
D1
A2
φ
B†
c
L1
R2
L
R1
A
A1
n1
n
p
MIN
MILLIMETERS*
INCHES
MIN
5
5
0.472
0.035
10
12
0.472
0.551
0.551
0.045
0.482
0.482
0.561
0.561
15
15
0.004
0
0.009
0.006
0.008
3.5
0.012
0.006
0.003
NOM
0.025
0.043
20
0.020
80
0.006
0.011
0.008
0.013
0.015
0.008
0.010
7
0.035
0.047
MAX
12
10
0.89
12.00
12.00
14.00
14.00
11.73
0.64
5
5
11.73
13.77
13.77
12.24
15
15
1.14
12.24
14.25
14.25
0.22
0.15
0.20
3.5
0.30
0.14
0.08
0.10
0.64
1.10
20
80
0.50
0.05
0.17
0.09
0.08
0
0.13
0.08
0.08
0.38
1.00
NOM
0.15
0.27
0.20
0.33
7
0.38
0.20
0.25
MAX
0.89
1.20
X x 45
°
n
1
2
α
A1
A2
A
R1
R2
L
L1
β
c
φ
D1
D
B
p
# lead s = n1
E
E1
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com