Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 153Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 154Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 155Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 156Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 157Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 158Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 159Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 160Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 157
PIC17C7XX
15.2.11 I2C MASTER MODE TRANSMISSION
Transmission of a data byte, a 7-bit address, or either
half of a 10-bit address is accomplished by simply writ-
ing a value to SSPBUF register. This action will set
the buffer full flag (BF) and allow the baud rate genera-
tor to begin counting and start the next transmission.
Each bit of address/data will be shifted out onto the
SDA pin after the falling edge of SCL is asserted (see
data hold time spec).
SCL is held low for one baud
rate generator roll over count (TBRG). Data should be
valid before SCL is released high (see Data setup time
spec). When the SCL pin is released high, it is held
that way for TBRG, the data on the SDA pin must
remain stable for that duration and some hold time
after the next falling edge of SCL. After the eighth bit
is shifted out (the falling edge of the eighth clock), the
BF flag is cleared and the master releases SDA allow-
ing the slave device being addressed to respond with
an ACK bit during the ninth bit time, if an address
match occurs or if data was received properly.
The
status of ACK is read into the ACKDT on the falling
edge of the ninth clock.
If the master receives an
acknowledge, the acknowledge status bit (AKSTAT) is
cleared. If not, the bit is set. After the ninth clock the
SSPIF is set, and the master clock (baud rate genera-
tor) is suspended until the next data byte is loaded into
the SSPBUF leaving SCL low and SDA unchanged.
(Figure 15-29)
After the write to the SSPBUF, each bit of address will
be shifted out on the falling edge of SCL until all seven
address bits and the R/W bit are completed. On the fall-
ing edge of the eighth clock the master will de-assert
the SDA pin allowing the slave to respond with an
acknowledge. On the falling edge of the ninth clock the
master will sample the SDA pin to see if the address
was recognized by a slave. The status of the ACK bit is
loaded into the ACKSTAT status bit (SSPCON2<6>).
Following the falling edge of the ninth clock transmis-
sion of the address, the SSPIF is set, the BF flag is
cleared, and the baud rate generator is turned off until
another write to the SSPBUF takes place, holding SCL
low and allowing SDA to float.
15.2.11.1 BF STATUS FLAG
In transmit mode, the BF bit (SSPSTAT<0>) is set
when the CPU writes to SSPBUF and is cleared when
all 8 bits are shifted out.
15.2.11.2 WCOL STATUS FLAG
If the user writes the SSPBUF when a transmit is
already in progress (i.e. SSPSR is still shifting out a
data byte), then WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).
WCOL must be cleared in software.
15.2.11.3 AKSTAT STATUS FLAG
In transmit mode, the AKSTAT bit (SSPCON2<6>) is
cleared when the slave has sent an acknowledge
(ACK = 0), and
is set when the slave does not
acknowledge (ACK = 1). A slave sends an acknowl-
edge when it has recognized its address (including a
general call), or when the slave has properly received
its data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com