Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 150Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 151Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 152Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 153Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 154Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 155Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 156Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 157Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 328 page
background image
PIC17C7XX
DS30289A-page 154
© 1998 Microchip Technology Inc.
15.2.10 I2C MASTER MODE REPEATED START
CONDITION TIMING
A Repeated Start condition occurs when the RSEN bit
(SSPCON2<1>) is programmed high and the I2C mod-
ule is in the idle state. When the RSEN bit is set, the
SCL pin is asserted low. When the SCL pin is sam-
pled low, the baud rate generator is loaded with the
contents of SSPADD<6:0>, and begins counting. The
SDA pin is released (brought high) for one baud rate
generator count (TBRG). When the baud rate generator
times out, if SDA is sampled high, the SCL pin will be
de-asserted (brought high). When SCL is sampled
high the baud rate generator is re-loaded with the con-
tents of SSPADD<6:0> and begins counting.
SDA
and SCL must be sampled high for one TBRG. This
action is then followed by assertion of the SDA pin
(SDA is low) for one TBRG while SCL is high. Follow-
ing this, the RSEN bit in the SSPCON2 register will be
automatically cleared, and the baud rate generator is
not reloaded, leaving the SDA pin held low. As soon
as a start condition is detected on the SDA and SCL
pins, the S bit (SSPSTAT<3>) will be set. The SSPIF
bit will not be set until the baud rate generator has
timed-out.
Note 1: If the RSEN is programmed while any
other event is in progress, it will not take
effect.
Note 2: A bus collision during the Repeated Start
condition occurs if:
• SDA is sampled low when SCL goes
from low to high.
• SCL goes low before SDA is
asserted low. This may indicate that
another master is attempting to
transmit a data "1".
Immediately following the SSPIF bit getting set, the
user may write the SSPBUF with the 7-bit address in
7-bit mode, or the default first address in 10-bit mode.
After the first eight bits are transmitted and an ACK is
received, the user may then transmit an additional
eight bits of address (10-bit mode) or eight bits of data
(7-bit mode).
15.2.10.1 WCOL STATUS FLAG
If the user writes the SSPBUF when a Repeated Start
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
Note:
Because
queueing
of
events
is
not
allowed, writing of the lower 5 bits of
SSPCON2 is disabled until the Repeated
Start condition is complete.
FIGURE 15-25: REPEAT START CONDITION WAVEFORM
SDA
SCL
Sr = Repeated Start
Write to SSPCON2
Write to SSPBUF occurs here.
Falling edge of ninth clock
End of Xmit
At completion of start bit,
hardware clear RSEN bit
1st Bit
Set S (SSPSTAT<3>)
T
BRG
T
BRG
SDA = 1,
SDA = 1,
SCL(no change)
SCL = 1
occurs here.
T
BRG
T
BRG
T
BRG
and set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com