Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 146Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 147Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 148Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 149Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 150Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 151Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 152Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 153Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 328 page
background image
PIC17C7XX
DS30289A-page 150
© 1998 Microchip Technology Inc.
15.2.6
MULTI-MASTER MODE
In multi-master mode, the interrupt generation on the
detection of the START and STOP conditions allows
the determination of when the bus is free. The STOP
(P) and START (S) bits are cleared from a reset or
when the MSSP module is disabled. Control of the I2C
bus may be taken when bit P (SSPSTAT<4>) is set, or
the bus is idle with both the S and P bits clear. When
the bus is busy, enabling the SSP Interrupt will gener-
ate the interrupt when the STOP condition occurs.
In multi-master operation, the SDA line must be moni-
tored, for abitration, to see if the signal level is the
expected output level. This check is performed in hard-
ware, with the result placed in the BCLIF bit.
The states where arbitration can be lost are:
• Address Transfer
• Data Transfer
• A Start Condition
• A Repeated Start Condition
• An Acknowledge Condition
15.2.7
I2C MASTER MODE SUPPORT
Master Mode is enabled by setting and clearing the
appropriate SSPM bits in SSPCON1 and by setting
the SSPEN bit. Once master mode is enabled, the
user has six options.
- Assert a start condition on SDA and SCL.
- Assert a Repeated Start condition on SDA and
SCL.
- Write to the SSPBUF register initiating trans-
mission of data/address.
- Generate a stop condition on SDA and SCL.
- Configure the I2C port to receive data.
- Generate an Acknowledge condition at the end
of a received byte of data.
Note:
The MSSP Module when configured in I2C
Master Mode does not allow queueing of
events. For instance: The user is not
allowed to initiate a start condition, and
immediately write the SSPBUF register to
initiate transmission before the START
condition is complete. In this case the
SSPBUF will not be written to, and the
WCOL bit will be set, indicating that a write
to the SSPBUF did not occur.
15.2.7.1
I2C MASTER MODE OPERATION
The master device generates all of the serial clock
pulses and the START and STOP conditions. A trans-
fer is ended with a STOP condition or with a Repeated
Start condition. Since the Repeated Start condition is
also the beginning of the next serial transfer, the I2C
bus will not be released.
In Master Transmitter mode serial data is output
through SDA, while SCL outputs the serial clock. The
first byte transmitted contains the slave address of the
receiving device, (7 bits) and the Read/Write (R/W) bit.
In this case the R/W bit will be logic '0'. Serial data is
transmitted 8 bits at a time. After each byte is transmit-
ted, an acknowledge bit is received. START and STOP
conditions are output to indicate the beginning and the
end of a serial transfer.
In Master receive mode the first byte transmitted con-
tains the slave address of the transmitting device
(7 bits) and the R/W bit. In this case the R/W bit will be
logic '1'. Thus the first byte transmitted is a 7-bit slave
address followed by a '1' to indicate receive bit. Serial
data is received via SDA while SCL outputs the serial
clock. Serial data is received 8 bits at a time. After each
byte is received, an acknowledge bit is transmitted.
START and STOP conditions indicate the beginning
and end of transmission.
The baud rate generator used for SPI mode operation
is now used to set the SCL clock frequency for either
100 kHz, 400 kHz, or 1 MHz I2C operation. The baud
rate generator reload value is contained in the lower 7
bits of the SSPADD register. The baud rate generator
will automatically begin counting on a write to the
SSPBUF. Once the given operation is complete (i.e.
transmission of the last data bit is followed by ACK) the
internal clock will automatically stop counting and the
SCL pin will remain in its last state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com