Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 147Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 148Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 149Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 150Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 151Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 152Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 153Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 154Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 151
PIC17C7XX
A typical transmit sequence would go as follows:
a)
The user generates a Start Condition by setting
the START enable bit (SEN) in SSPCON2.
b)
SSPIF is set. The module will wait the required
start time before any other operation takes
place.
c)
The user loads the SSPBUF with address to
transmit.
d)
Address is shifted out the SDA pin until all 8 bits
are transmitted.
e)
The MSSP Module shifts in the ACK bit from the
slave device, and writes its value into the
SSPCON2 register ( SSPCON2<6>).
f)
The module generates an interrupt at the end of
the ninth clock cycle by setting SSPIF.
g)
The user loads the SSPBUF with eight bits of
data.
h)
DATA is shifted out the SDA pin until all 8 bits
are transmitted.
i)
The MSSP Module shifts in the ACK bit from the
slave device, and writes its value into the
SSPCON2 register ( SSPCON2<6>).
j)
The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the SSPIF
bit.
k)
The user generates a STOP condition by setting
the STOP enable bit PEN in SSPCON2.
l)
Interrupt is generated once the STOP condition
is complete.
15.2.8
BAUD RATE GENERATOR
In I2C master mode, the reload value for the BRG is
located in the lower 7 bits of the SSPADD register
(Figure 15-21).
When the BRG is loaded with this
value, the BRG counts down to 0 and stops until
another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY), on the
Q2 and Q4 clock.
In I2C master mode, the BRG is reloaded automati-
cally. If Clock Arbitration is taking place for instance,
the BRG will be reloaded when the SCL pin is sampled
high (Figure 15-22).
FIGURE 15-21: BAUD RATE GENERATOR
BLOCK DIAGRAM
SSPM3:SSPM0
BRG Down Counter
CLKOUT
Fosc/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload
FIGURE 15-22: BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
SDA
SCL
SCL de-asserted but slave holds
DX-1
DX
BRG
SCL is sampled high, reload takes
place, and BRG starts its count.
03h
02h
01h
00h (hold off)
03h
02h
reload
BRG
value
SCL low (clock arbitration)
SCL allowed to transition high
BRG decrements
(on Q2 and Q4 cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com