Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 192Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 193Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 194Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 195Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 196Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 197Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 198Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 199Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 328 page
background image
PIC17C7XX
DS30289A-page 196
© 1998 Microchip Technology Inc.
Table 18-2 lists the instructions recognized by the
MPASM assembler.
All instruction examples use the following format to rep-
resent a hexadecimal number:
0xhh
where h signifies a hexadecimal digit.
To represent a binary number:
0000 0100b
where b signifies a binary string.
FIGURE 18-1: GENERAL FORMAT FOR
INSTRUCTIONS
Note 1: Any unused opcode is Reserved. Use of
any reserved opcode may cause unex-
pected operation.
Byte-oriented file register operations
15
9
8
7
0
d = 0 for destination WREG
OPCODE
d
f (FILE #)
d = 1 for destination f
f = 8-bit file register address
Bit-oriented file register operations
15
11 10
8 7
0
OPCODE
b (BIT #)
f (FILE #)
b = 3-bit address
f = 8-bit file register address
Literal and control operations
15
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
Byte to Byte move operations
15
13 12
8 7
0
OPCODE
p (FILE #)
f (FILE #)
CALL
and GOTO operations
15
13 12
0
OPCODE
k (literal)
k = 13-bit immediate value
p = peripheral register file address
f = 8-bit file register address
18.1
Special Function Registers as
Source/Destination
The PIC17C7XX’s orthogonal instruction set allows
read and write of all file registers, including special
function registers. There are some special situations
the user should be aware of:
18.1.1
ALUSTA AS DESTINATION
If an instruction writes to ALUSTA, the Z, C, DC and OV
bits may be set or cleared as a result of the instruction
and overwrite the original data bits written. For exam-
ple, executing CLRF
ALUSTA
will clear register
ALUSTA, and then set the Z bit leaving 0000 0100b in
the register.
18.1.2
PCL AS SOURCE OR DESTINATION
Read, write or read-modify-write on PCL may have the
following results:
Read PC:
PCH
→ PCLATH; PCL → dest
Write PCL:
PCLATH
→ PCH;
8-bit destination value
→ PCL
Read-Modify-Write:
PCL
→ ALU operand
PCLATH
→ PCH;
8-bit result
→ PCL
Where PCH = program counter high byte (not an
addressable register), PCLATH = Program counter
high holding latch, dest = destination, WREG or f.
18.1.3
BIT MANIPULATION
All bit manipulation instructions are done by first read-
ing the entire register, operating on the selected bit and
writing the result back (read-modify-write (R-M-W)).
The user should keep this in mind when operating on
some special function registers, such as ports.
Note:
Status bits that are manipulated by the
device (including the Interrupt flag bits) are
set or cleared in the Q1 cycle. So there is
no issue on doing R-M-W instructions on
registers which contain these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com