Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 188Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 189Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 190Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 191Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 192Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 193Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 194Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 195Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 328 page
background image
PIC17C7XX
DS30289A-page 192
© 1998 Microchip Technology Inc.
17.4
Power-down Mode (SLEEP)
The Power-down mode is entered by executing a
SLEEP
instruction. This clears the Watchdog Timer and
postscaler (if enabled). The PD bit is cleared and the
TO bit is set (in the CPUSTA register). In SLEEP mode,
the oscillator driver is turned off. The I/O ports maintain
their status (driving high, low, or hi-impedance).
The MCLR/VPP pin must be at a logic high level
(VIHMC). A WDT time-out RESET does not drive the
MCLR/VPP pin low.
17.4.1
WAKE-UP FROM SLEEP
The device can wake-up from SLEEP through one of
the following events:
• Power-on Reset
• Brown-out Reset
• External reset input on MCLR/VPP pin
• WDT Reset (if WDT was enabled)
• Interrupt from RA0/INT pin, RB port change,
T0CKI interrupt, or some peripheral Interrupts
The following peripheral interrupts can wake the device
from SLEEP:
• Capture interrupts
• USART synchronous slave transmit interrupts
• USART synchronous slave receive interrupts
• A/D conversion complete
• SPI slave transmit / receive complete
•I2C slave receive
Other peripherals cannot generate interrupts since dur-
ing SLEEP, no on-chip Q clocks are present.
Any reset event will cause a device reset. Any interrupt
event is considered a continuation of program execu-
tion. The TO and PD bits in the CPUSTA register can be
used to determine the cause of device reset. The PD
bit, which is set on power-up, is cleared when SLEEP
is invoked. The TO bit is cleared if WDT time-out
occurred (and caused wake-up).
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is pre-fetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set (enabled). Wake-up is
regardless of the state of the GLINTD bit. If the GLINTD
bit is set (disabled), the device continues execution at
the instruction after the SLEEP instruction. If the
GLINTD bit is clear (enabled), the device executes the
instruction after the SLEEP instruction and then
branches to the interrupt vector address. In cases
where the execution of the instruction following SLEEP
is not desirable, the user should have a NOP after the
SLEEP
instruction.
The WDT is cleared when the device wakes from
SLEEP, regardless of the source of wake-up.
17.4.1.1
WAKE-UP DELAY
When the oscillator type is configured in XT or LF
mode, the Oscillator Start-up Timer (OST) is activated
on wake-up. The OST will keep the device in reset for
1024TOSC. This needs to be taken into account when
considering the interrupt response time when coming
out of SLEEP.
Note:
If the global interrupt is disabled (GLINTD
is set), but any interrupt source has both its
interrupt enable bit and the corresponding
interrupt flag bit set, the device will imme-
diately wake-up from sleep. The TO bit is
set, and the PD bit is cleared.
FIGURE 17-3: WAKE-UP FROM SLEEP THROUGH INTERRUPT
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT(4)
INT
INTF flag
GLINTD bit
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
Interrupt Latency (2)
PC
PC+1
PC+2
0004h
0005h
Dummy Cycle
Inst (PC) = SLEEP
Inst (PC+1)
Inst (PC-1)
SLEEP
Tost(2)
Processor
in SLEEP
Inst (PC+2)
Inst (PC+1)
Note 1: XT or LF oscillator mode assumed.
2: Tost = 1024Tosc (drawing not to scale). This delay will not be there for RC osc mode.
3: When GLINTD = 0 processor jumps to interrupt routine after wake-up. If GLINTD = 1, execution will continue in line.
4: CLKOUT is not available in these osc modes, but shown here for timing reference.
(RA0/INT pin)
'0' or '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com