Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 185Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 186Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 187Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 188Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 189Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 190Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 191Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 192Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 189
PIC17C7XX
17.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits to deal with the needs of
real-time applications. The PIC17CXXX family has a
host of such features intended to maximize system reli-
ability, minimize cost through elimination of external
components, provide power saving operating modes
and offer code protection. These are:
• Oscillator selection (Section 4.0)
• Reset (Section 5.0)
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts (Section 6.0)
• Watchdog Timer (WDT)
• SLEEP mode
• Code protection
The PIC17CXXX has a Watchdog Timer which can be
shutoff only through EPROM bits. It runs off its own RC
oscillator for added reliability. There are two timers that
offer necessary delays on POR and BOR. One is the
Oscillator Start-up Timer (OST), intended to keep the
chip in RESET until the crystal oscillator is stable. The
other is the Power-up Timer (PWRT), which provides a
fixed delay of 96 ms (nominal) on power-up only,
designed to keep the part in RESET while the power
supply stabilizes. With these two timers on-chip, most
applications need no external reset circuitry.
The SLEEP mode is designed to offer a very low cur-
rent power-down mode. The user can wake from
SLEEP through external reset, Watchdog Timer Reset
or through an interrupt. Several oscillator options are
also made available to allow the part to fit the applica-
tion. The RC oscillator option saves system cost while
the LF crystal option saves power. Configuration bits
are used to select various options. This configuration
word has the format shown in Figure 17-1.
FIGURE 17-1: CONFIGURATION WORDS
U - x
R/P - 1
R/P - 1
U - x
U - x
U - x
U - x
U - x
U - x
High (H) Table Read Addr.
—
PM2
BODEN
—
—
—
—
—
—
FE0Fh - FE08h
bit15
bit 8 bit 7
bit 0
U - x
U - x
R/P - 1
U - x R/P - 1
R/P - 1
R/P - 1
R/P - 1
R/P - 1
Low (L) Table Read Addr.
—
—
PM1
—
PM0
WDTPS1 WDTPS0
FOSC1
FOSC0 FE07h - FE00h
bit15
bit 8 bit 7
bit 0
bit 6H
BODEN: Brown-out Detect Enable
1 =
Brown-out Detect circuitry is enabled
0 =
Brown-out Detect circuitry is disabled
bits 7H:6L:4L PM2, PM1, PM0, Processor Mode Select bits
111 =
Microprocessor Mode
110 =
Microcontroller mode
101 =
Extended microcontroller mode
000 =
Code protected microcontroller mode
bits 2L:3L
WDTPS1:WDTPS0, WDT Postscaler Select bits
11 =
WDT enabled, postscaler = 1
10 =
WDT enabled, postscaler = 256
01 =
WDT enabled, postscaler = 64
00 =
WDT disabled, 16-bit overflow timer
bits 1L:0L
FOSC1:FOSC0, Oscillator Select bits
11 =
EC oscillator
10 =
XT oscillator
01 =
RC oscillator
00 =
LF oscillator
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com