Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 184Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 185Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 186Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 187Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 188Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 189Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 190Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 191Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 328 page
background image
PIC17C7XX
DS30289A-page 188
© 1998 Microchip Technology Inc.
TABLE 16-3:
REGISTERS/BITS ASSOCIATED WITH A/D
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR,
BOR
MCLR, WDT
06h, unbanked
CPUSTA
—
—
STAKAV
GLINTD
TO
PD
POR
BOR
--11 1100
--11 qq11
07h, unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
10h, Bank 4
PIR2
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
000- 0010
000- 0010
11h, Bank 4
PIE2
SSPIE
BCLIE
ADIE
—
CA4IE
CA3IE
TX2IE
RC2IE
000- 0000
000- 0000
10h, Bank 5
DDRF
Data Direction register for PORTF
1111 1111
1111 1111
11h, Bank 5
PORTF
RF7/
AN11
RF6/
AN10
RF5/
AN9
RF4/
AN8
RF3/
AN7
RF2/
AN6
RF1/
AN5
RF0/
AN4
0000 0000
0000 0000
12h, Bank 5
DDRG
Data Direction register for PORTG
1111 1111
1111 1111
13h, Bank 5
PORTG
RG7/
TX2/CK2
RG6/
RX2/DT2
RG5/
PWM3
RG4/
CAP3
RG3/
AN0/VREF
+
RG2/
AN1/VREF
-
RG1/
AN2
RG0/
AN3
xxxx 0000
uuuu 0000
14h, Bank 5
ADCON0
CHS3
CHS2
CHS1
CHS0
—
GO/DONE
—
ADON
0000 -0-0
0000 -0-0
15h, Bank 5
ADCON1
ADCS1
ADCS0
ADFM
—
PCFG3
PCFG2
PCFG1
PCFG0
000- 0000
000- 0000
16h, Bank 5
ADRESL
A/D Result Low Register
xxxx xxxx
uuuu uuuu
17h, Bank 5
ADRESH
A/D Result High Register
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used for A/D conversion.
Note
1:
Other (non power-up) resets include: external reset through MCLR and Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com