Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 180Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 181Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 182Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 183Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 184Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 185Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 186Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 187Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 328 page
background image
PIC17C7XX
DS30289A-page 184
© 1998 Microchip Technology Inc.
16.3
Configuring Analog Port Pins
The ADCON1, and DDR registers control the operation
of the A/D port pins. The port pins that are desired as
analog inputs must have their corresponding DDR bits
set (input). If the DDR bit is cleared (output), the digital
output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS2:CHS0 bits and the DDR bits.
Note 1: When reading the port register, any pin
configured as an analog input channel will
read as cleared (a low level). Pins config-
ured as digital inputs, will convert an ana-
log input. Analog levels on a digitally
configured input will not affect the conver-
sion accuracy.
Note 2: Analog levels on any pin that is defined as
a digital input (including the AN15:AN0
pins), may cause the input buffer to con-
sume current that is out of the devices
specification.
16.4
A/D Conversions
Example 16-2 shows how to perform an A/D conver-
sion. The PORTF and lower four PORTG pins are con-
figured as analog inputs. The analog references
(VREF+ and VREF-) are the device AVDD and AVSS. The
A/D interrupt is enabled, and the A/D conversion clock
is FRC. The conversion is performed on the RG3/AN0
pin (channel 0).
Clearing the GO/DONE bit during a conversion will
abort the current conversion. The A/D result register
pair will NOT be updated with the partially completed
A/D conversion sample. That is, the ADRESH:ADRESL
registers will continue to contain the value of the last
completed conversion (or the last value written to the
ADRESH:ADRESL registers). After the A/D conversion
is aborted, a 2TAD wait is required before the next
acquisition is started. After this 2TAD wait, acquisition
on the selected channel is automatically started.
In Figure 16-6, after the GO bit is set, the first time seg-
mant has a minimum of TCY and a maximum of TAD.
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
EXAMPLE 16-2: A/D CONVERSION
FIGURE 16-6: A/D CONVERSION TAD CYCLES
MOVLB
5
; Bank 5
CLRF
ADCON1, F
; Configure A/D inputs, All analog, TAD = Fosc/8, left just.
MOVLW
0x01
; A/D is on, Channel 0 is selected
MOVWF
ADCON0
;
MOVLB
4
; Bank 4
BCF
PIR2, ADIF
; Clear A/D interrupt flag bit
BSF
PIE2, ADIE
; Enable A/D interrupts
BSF
INTSTA, PEIE
; Enable peripheral interrupts
BCF
CPUSTA, GLINTD
; Enable all interrupts
;
;
Ensure that the required sampling time for the selected input channel has elapsed.
;
Then the conversion may be started.
;
MOVLB
5
; Bank 5
BSF
ADCON0, GO
; Start A/D Conversion
:
;
The ADIF bit will be set and the GO/DONE bit
:
;
is cleared upon completion of the A/D Conversion
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8 TAD9
Set GO bit
Holding capacitor is disconnected from analog input (typically 100 ns)
holding capacitor is connected to analog input.
b9
b8
b7
b6
b5
b4
b3
b2
TAD10 TAD11
b1
b0
Tcy to TAD
GO bit is cleared,
Next Q4: ADRES is loaded,
ADIF bit is set,
Conversion Starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com