Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 177Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 178Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 179Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 180Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 181Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 182Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 183Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 184Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 181
PIC17C7XX
16.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 16-5. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD),
Figure 16-5. The maximum recommended imped-
ance for analog sources is 10 k
Ω. As the impedance
is decreased, the acquisition time may be decreased.
After the analog input channel is selected (changed)
this acquisition must be done before the conversion
can be started.
To
calculate
the
minimum
acquisition
time,
Equation 16-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Example 16-1 shows the calculation of the minimum
required acquisition time TACQ.
This calculation is based on the following application
system assumptions.
CHOLD
=
120 pF
Rs
=
10 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=
5V
→ Rss = 7 kΩ
(see
graph in Figure 16-5)
Temperature
=
50
°C (system max.)
VHOLD
=
0V @ time = 0
EQUATION 16-1:
ACQUISITION TIME
EQUATION 16-2:
A/D MINIMUM CHARGING TIME
EXAMPLE 16-1: CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
TACQ =
Amplifier Settling Time +
Holding Capacitor Charging Time +
Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF - (VREF/2048)) • (1 - e(-Tc/C
HOLD
(RIC + RSS + RS)))
or
Tc
=
-(120 pF)(1 k
Ω + RSS + RS) ln(1/2047)
TACQ =TAMP + TC + TCOFF
Temperature coefficient is only required for temperatures > 25
°C.
TACQ =2
µs + Tc + [(Temp - 25°C)(0.05 µs/°C)]
TC =-CHOLD (RIC + RSS + RS) ln(1/2047)
-120 pF (1 k
Ω + 7 kΩ + 10 kΩ) ln(0.0004885)
-120 pF (18 k
Ω) ln(0.0004885)
-2.16
µs (-7.6241)
16.47
µs
TACQ =2
µs + 16.47 µs + [(50°C - 25°C)(0.05 µs/°C)]
18.447
µs + 1.25 µs
19.72
µs
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
Note 2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
Note 3: The maximum recommended impedance for analog sources is 10 k
Ω.This is required to meet the pin leak-
age specification.
Note 4: After a conversion has completed, a 2.0TAD delay must complete before acquisition can begin again. Dur-
ing this time the holding capacitor is not connected to the selected A/D input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com