Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 174Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 175Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 176Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 177Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 178Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 179Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 180Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 181Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 328 page
background image
PIC17C7XX
DS30289A-page 178
© 1998 Microchip Technology Inc.
FIGURE 16-2: ADCON1 REGISTER (ADDRESS 15h, BANK 5)
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS1 ADCS0
ADFM
—
PCFG3
PCFG2
PCFG1
PCFG0
R = Readable bit
W = Writable bit
U = Unimplemented
bit, read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS1:ADCS0: A/D Conversion Clock Select bits
00
= FOSC/8
01
= FOSC/32
10
= FOSC/64
11
= FRC (clock derived from an internal RC oscillator)
bit 5:
ADFM: A/D Result format select
1 = Right justified. 6 Most Significant bits of ADRESH are read as ’0’.
0 = Left justified. 6 Least Significant bits of ADRESL are read as ’0’.
bit 4:
Unimplemented: Read as '0'
bit 3-1:
PCFG3:PCFG1: A/D Port Configuration Control bits
bit 0:
PCFG0: A/D Voltage Reference Select bit
1 = A/D reference is the VREF+ and VREF- pins
0 = A/D reference is AVDD and AVSS
Note:When this bit is set, ensure that the A/D voltage reference specifications are met.
A = Analog input
D = Digital I/O
PCFG3:PCFG
1
AN15 AN14 AN13 AN12 AN11 AN10 AN9 AN8 AN7 AN6 AN5 AN4 AN3 AN2 AN1 AN0
000
AAAAAA
AAAAAAAAAA
001
D
AAAAA
A
A
D
AAAAAAA
010
D
D
AAAA
A
A
D
D
AAAAAA
011
D
D
D
A
A
A
AA
D
D
D
AAAAA
100
DDDD
A
A
A
A
DDDD
AAAA
101
DDDDD
A
A
A
DDDDD
A
A
A
110
DDDDDD
A
A
DDDDDD
A
A
111
DDDDDD
DDDDDDDDDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com