Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 175Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 176Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 177Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 178Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 179Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 180Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 181Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 182Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 179
PIC17C7XX
The ADRESH:ADRESL registers contains the 10-bit
result of the A/D conversion. When the A/D conversion
is complete, the result is loaded into this A/D result reg-
ister pair, the GO/DONE bit (ADCON0<2>) is cleared,
and A/D interrupt flag bit ADIF is set. The block dia-
grams of the A/D module are shown in Figure 16-3.
After the A/D module has been configured as desired,
the selected channel must be acquired before the con-
version is started. The analog input channels must
have their corresponding DDR bits selected as inputs.
To determine sample time, see Section 16.1. After this
acquisition time has elapsed the A/D conversion can be
started. The following steps should be followed for
doing an A/D conversion:
1.
Configure the A/D module:
• Configure analog pins / voltage reference /
and digital I/O (ADCON1)
• Select A/D input channel (ADCON0)
• Select A/D conversion clock (ADCON0)
• Turn on A/D module (ADCON0)
2.
Configure A/D interrupt (if desired):
• Clear ADIF bit
• Set ADIE bit
• Clear GLINTD bit
3.
Wait the required acquisition time.
4.
Start conversion:
• Set GO/DONE bit (ADCON0)
5.
Wait for A/D conversion to complete, by either:
• Polling for the GO/DONE bit to be cleared
OR
• Waiting for the A/D interrupt
6.
Read
A/D
Result
register
pair
(ADRESH:ADRESL), clear bit ADIF if required.
7.
For next conversion, go to step 1 or step 2 as
required. The A/D conversion time per bit is
defined as TAD. A minimum wait of 2TAD is
required before next acquisition starts.
FIGURE 16-3: A/D BLOCK DIAGRAM
(Input voltage)
VIN
VREF-
(Reference
voltage)
AVDD
PCFG0
CHS3:CHS0
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
0111
0110
0101
0100
0011
0010
0001
0000
A/D
Converter
AN11
AN10
AN9
AN8
1011
1010
1001
1000
VREF+
AVSS
AN12(1)
1011
AN13(1)
1011
AN14(1)
1011
AN15(1)
1011
(1) These channels only available on PIC16C76X devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com