Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 208Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 209Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 210Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 211Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 212Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 213Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 214Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 215Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 328 page
background image
PIC17C7XX
DS30289A-page 212
© 1998 Microchip Technology Inc.
INFSNZ
Increment f, skip if not 0
Syntax:
[
label]
INFSNZ f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) + 1
→ (dest),
skip if not 0
Status Affected:
None
Encoding:
0010
010d
ffff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
If the result is not 0, the next instruction,
which is already fetched, is discarded,
and an NOP is executed instead making
it a two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Process
Data
Write to
destination
If skip:
Q1
Q2
Q3
Q4
No
operation
No
operation
No
operation
No
operation
Example:
HERE
INFSNZ
REG, 1
ZERO
NZERO
Before Instruction
REG
=
REG
After Instruction
REG
=
REG + 1
If REG
=
1;
PC =
Address (ZERO)
If REG
=
0;
PC =
Address (NZERO)
IORLW
Inclusive OR Literal with WREG
Syntax:
[
label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .OR. (k)
→ (WREG)
Status Affected:
Z
Encoding:
1011
0011
kkkk
kkkk
Description:
The contents of WREG are OR’ed with
the eight bit literal 'k'. The result is
placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write to
WREG
Example:
IORLW
0x35
Before Instruction
WREG
=
0x9A
After Instruction
WREG
=
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com