Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 211Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 212Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 213Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 214Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 215Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 216Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 217Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 218Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 215
PIC17C7XX
MOVLR
Move Literal to high nibble in
BSR
Syntax:
[
label ]
MOVLR k
Operands:
0
≤ k ≤ 15
Operation:
k
→ (BSR<7:4>)
Status Affected:
None
Encoding:
1011
101x
kkkk
uuuu
Description:
The 4-bit literal 'k' is loaded into the
most significant 4-bits of the Bank
Select Register (BSR). Only the high
4-bits of the Bank Select Register
are affected. The lower half of the
BSR is unchanged. The assembler
will encode the “u” fields as 0.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
'k'
Process
Data
Write
literal 'k' to
BSR<7:4>
Example:
MOVLR
5
Before Instruction
BSR register
=
0x22
After Instruction
BSR register
=
0x52
MOVLW
Move Literal to WREG
Syntax:
[
label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (WREG)
Status Affected:
None
Encoding:
1011
0000
kkkk
kkkk
Description:
The eight bit literal 'k' is loaded into
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Process
Data
Write to
WREG
Example:
MOVLW
0x5A
After Instruction
WREG
=
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com