Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 103 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 103 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 99Page - Texas Instruments DP83256 Datasheet HTML 100Page - Texas Instruments DP83256 Datasheet HTML 101Page - Texas Instruments DP83256 Datasheet HTML 102Page - Texas Instruments DP83256 Datasheet HTML 103Page - Texas Instruments DP83256 Datasheet HTML 104Page - Texas Instruments DP83256 Datasheet HTML 105Page - Texas Instruments DP83256 Datasheet HTML 106Page - Texas Instruments DP83256 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 146 page
background image
60 Signal Descriptions (Continued)
63 DP83257VF SIGNAL DESCRIPTIONS
The pin descriptions for the DP83257VF are divided into five functional interfaces PMD Interface PHY Port Interface Control
Bus Interface Clock Interface and Miscellaneous Interface
For a Pinout Summary List refer to Table 8-3 and
Figure 8-3 DP83257VF 160-Pin JEDEC Metric PQFP Pinout
PMD INTERFACE
The PMD Interface consists of IO signals used to connect the PLAYERa device to the Physical Medium Dependant (PMD)
sublayer
The DP83257 PLAYERa device actually has two PMD interfaces The Primary PMD Interface and the Alternate PMD Interface
The Primary PMD Interface should be used for all PMD implementations that do not require an external scramblerdescrambler
function clock recovery function or clock generation function such as a Fiber Optic or Shielded Twisted Pair (SDDI) PMD The
second Alternate PMD Interface can be used to support Unshielded Twisted Pair (UTP) PMDs that require external scrambling
with no external clock recovery or clock generation functions required
Section 38 describes how the PLAYERa can be connected to the PMD and how the Alternate PMD can be enabled
Note that when the Alternate PMD Interface is not being used the pins that make up the interface must be connected in the
specific way described in the following Alternate PMD Interface table
Primary PMD Interface
Symbol
Pin
IO
Description
PMIDa
62
I
PMD Indicate Data
Differential 100k ECL 125 Mbps serial data input signals from the PMD Receiver
into the Clock Recovery Module (CRM) of the PLAYERa
PMIDb
61
PMRDa
54
O
PMD Request Data
Differential 100k ECL 125 Mbps serial data output signals to the PMD transmitter
PMRDb
53
SDa
60
I
Signal Detect
Differential 100k ECL input signals from the PMD receiver indicating that a signal is being
received by the PMD receiver
SDb
59
TEL
74
I
PMD Transmitter Enable Level
A TTL input signal to select the PMD transmitter Enable (TXE) signal
level
TXE
73
O
PMD Transmitter Enable
A TTL output signal to enabledisable the PMD transmitter The output level
of the TXE pin is determined by three parameters the Transmit Enable (TE) bit in the Mode Register the
TM2 – TM0 bits in the Current Transmit State Register and the input to the TEL pin The following rules
summarize the output of the TXE pin
1 If TEe0 and TELeGND then TXEeVCC
2 If TEe0 and TELeVCC then TXEeGND
3 If TEe1 and OTM and TELeGND then TXEeVCC
4 If TEe1 and OTM and TELeVCC then TXEeGND
5 If TEe1 and not OTM and TELeGND then TXEeGND
6 If TEe1 and not OTM and TELeVCC then TXEeVCC
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com