Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 105 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 105 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 101Page - Texas Instruments DP83256 Datasheet HTML 102Page - Texas Instruments DP83256 Datasheet HTML 103Page - Texas Instruments DP83256 Datasheet HTML 104Page - Texas Instruments DP83256 Datasheet HTML 105Page - Texas Instruments DP83256 Datasheet HTML 106Page - Texas Instruments DP83256 Datasheet HTML 107Page - Texas Instruments DP83256 Datasheet HTML 108Page - Texas Instruments DP83256 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 146 page
background image
60 Signal Descriptions (Continued)
PHY PORT INTERFACE
The PHY Port Interface consists of IO signals used to connect the PLAYERa device to the Media Access Control (MAC)
sublayer or other PLAYERa device The DP83257 Device has two PHY Port Interfaces The A
Request and A
Indicate paths
from one PHY Port Interface and the B
Request and B
Indicate paths from the second PHY Port Interface Each path
consists of an odd parity bit a control bit and two 4-bit symbols
Refer to section 33 the Configuration Switch for more information
Symbol
Pin
IO
Description
AIP
6
O
PHY Port A Indicate Parity
A TTL output signal representing odd parity for the 10-bit wide Port A
Indicate signals (AIP AIC and AIDk70l)
AIC
8
O
PHY Port A Indicate Control
A TTL output signal indicating that the two 4-bit symbols (AIDk74l and
AIDk30l) are either control symbols (AICe1) or data symbols (AICe0)
AID7
10
O
PHY Port A Indicate Data
TTL output signals representing the first 4-bit datacontrol symbol
AID6
12
AID7 is the most significant bit and AID4 is the least significant bit of the first symbol
AID5
14
AID4
18
AID3
20
O
PHY Port A Indicate Data
TTL output signals representing the second 4-bit datacontrol symbol
AID2
22
AID3 is the most significant bit and AID0 is the least significant bit of the second symbol
AID1
24
AID0
26
ARP
7
I
PHY Port A Request Parity
A TTL input signal representing odd parity for the 10-bit wide Port A
Request signals (ARP ARC and ARDk70l)
ARC
9
I
PHY Port A Request Control
A TTL input signal indicating that the two 4-bit symbols
(ARDk74l and ARDk30l) are either control symbols (ARCe1) or data symbols (ARCe0)
ARD7
11
I
PHY Port A Request Data
TTL input signals representing the first 4-bit datacontrol symbol
ARD6
13
ARD7 is the most significant bit and ARD4 is the least significant bit of the first symbol
ARD5
15
ARD4
19
ARD3
21
I
PHY Port A Request Data
TTL input signals representing the second 4-bit datacontrol symbol
ARD2
23
ARD3 is the most significant bit and ARD0 is the least significant bit of the second symbol
ARD1
25
ARD0
27
BIP
114
O
PHY Port B Indicate Parity
A TTL output signal representing odd parity for the 10-bit wide Port A
Indicate signals (BIP BIC and BIDk70l)
BIC
112
O
PHY Port B Indicate Control
A TTL output signal indicating that the two 4-bit symbols (BIDk74l and
BIDk30l) are either control symbols (BICe1) or data symbols (BICe0)
BID7
110
O
PHY Port B Indicate Data
TTL output signals representing the first 4-bit datacontrol symbol
BID6
108
BID7 is the most significant bit and BID4 is the least significant bit of the first symbol
BID5
106
BID4
102
BID3
100
O
PHY Port B Indicate Data
TTL output signals representing the second 4-bit datacontrol symbol
BID2
98
BID3 is the most significant bit and BID0 is the least significant bit of the second symbol
BID1
96
BID0
94
BRP
115
I
PHY Port B Request Parity
A TTL input signal representing odd parity for the 10-bit wide Port A
Request signals (BRP BRC and BRDk70l)
BRC
113
I
PHY Port B Request Control
A TTL input signal indicating that the two 4-bit symbols
(BRDk74l and BRDk30l) are either control symbols (BRCe1) or data symbols (BRCe0)
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com