Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 109 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 109 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 105Page - Texas Instruments DP83256 Datasheet HTML 106Page - Texas Instruments DP83256 Datasheet HTML 107Page - Texas Instruments DP83256 Datasheet HTML 108Page - Texas Instruments DP83256 Datasheet HTML 109Page - Texas Instruments DP83256 Datasheet HTML 110Page - Texas Instruments DP83256 Datasheet HTML 111Page - Texas Instruments DP83256 Datasheet HTML 112Page - Texas Instruments DP83256 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 146 page
background image
60 Signal Descriptions (Continued)
MISCELLANEOUS INTERFACE
The Miscellaneous Interface consist of a reset signal user definable sense signals and user definable enable signals
Symbol
Pin
IO
Description
E
RST
116
I
Reset
An active low TTL input signal which clears all registers The signal must be kept asserted for a
minimum amount of time Once the ERST signal is asserted the PLAYERa device should be allowed
the specified amount of time to reset internal logic Note that bit zero of the Mode Register will be set to
zero (ie Stop Mode) See section 42 Stop Mode of Operation for more information
SP0
63
I
User Definable Sense Pin 0
A TTL input signal from a user defined source Sense Bit 0 (SB0) of the
User Definable Register (UDR) will be set to one if the signal is asserted for a minimum of 160 ns Once
the asserted signal is latched Sense Bit 0 can only be cleared through the Control Bus Interface even if
the signal is deasserted This ensures that the Control Bus Interface will record the source of events
which can cause interrupts
SP1
65
I
User Definable Sense Pin 1
A TTL input signal from a user defined source Sense Bit 1 (SB1) of the
User Definable Register (UDR) will be set to one if the signal is asserted for a minimum of 160 ns Once
the asserted signal is latched Sense Bit 1 can only be cleared through the Control Bus Interface even if
the signal is deasserted This ensures that the Control Bus Interface will record the source of events
which can cause interrupts
SP2
67
I
User Definable Sense Pin 2
A TTL input signal from a user defined source Sense Bit 2 (SB2) of the
User Definable Register (UDR) will be set to one if the signal is asserted for a minimum of 160 ns Once
the asserted signal is latched Sense Bit 2 can only be cleared through the Control Bus Interface even if
the signal is deasserted This ensures that the Control Bus Interface will record the source of events
which can cause interrupts
EP0
64
O
User Definable Enable Pin 0
A TTL output signal allowing control of external logic through the Control
Bus Interface EP0 is asserteddeasserted through Enable Bit 0 (EB0) of the User Definable Register
(UDR) When Enable Bit 0 is set to zero EP0 is deasserted When Enable Bit 0 is set to one EP0 is
asserted
EP1
66
O
User Definable Enable Pin 1
A TTL output signal allowing control of external logic through the Control
Bus Interface EP1 is asserteddeasserted through Enable Bit 1 (EB1) of the User Definable Register
(UDR) When Enable Bit 1 is set to zero EP1 is deasserted When Enable Bit 1 is set to one EP1 is
asserted
EP2
68
O
User Definable Enable Pin 2
A TTL output signal allowing control of external logic through the Control
Bus Interface EP2 is asserteddeasserted through Enable Bit 2 (EB2) of the User Definable Register
(UDR) When Enable Bit 2 is set to zero EP2 is deasserted When Enable Bit 2 is set to one EP2 is
asserted
CS
69
I
Cascade Start
A TTL input signal used to synchronize cascaded PLAYERa devices in point-to-point
applications
The signal is asserted when all of the cascaded PLAYERa devices have the Cascade Mode (CM) bit of
the Mode Register (MR) set to one and all of the Cascade Ready (CR) pins of the cascaded PLAYERa
devices have been released
When Cascade Mode is not being used this input should be tied to Ground
For further information refer to section 44 Cascade Mode of Operation
CR
70
O
Cascade Ready
An Open Drain output signal used to synchronize cascaded PLAYERa devices in
point-to-point applications
The signal is released (ie an Open Drain line is released) when all the cascaded PLAYERa devices
have the Cascade Mode (CM) bit of the Mode Register (MR) is set to one and a JK symbol pair has been
received
When Cascade Mode is not being used this input should be left Not Connected (NC)
For further information refer to section 44 Cascade Mode of Operation
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com