Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 113 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 109Page - Texas Instruments DP83256 Datasheet HTML 110Page - Texas Instruments DP83256 Datasheet HTML 111Page - Texas Instruments DP83256 Datasheet HTML 112Page - Texas Instruments DP83256 Datasheet HTML 113Page - Texas Instruments DP83256 Datasheet HTML 114Page - Texas Instruments DP83256 Datasheet HTML 115Page - Texas Instruments DP83256 Datasheet HTML 116Page - Texas Instruments DP83256 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 146 page
background image
70 Electrical Characteristics (Continued)
DC Electrical Characteristics for All FDDI Clock Outputs
The following signals are covered Local Byte Clocks (LBC1 – LBC5) and Local Symbol Clock (LSC)
These outputs are designed to drive capacitive loads from 20 pF to 60 pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH eb400 mAVCC b 2V
VOL
Output Low Voltage
IOL e 8 mA
05
V
DC Electrical Characteristics for All Clock Reference Inputs
The following signals are covered Reference In (REF
IN) and Feedback In (FBK
IN)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
VIC
Input Clamp Voltage
IIN eb18 mA
b
15
V
IIL
Input Low Current
VIN e GND
b
10
m
A
IIH
Input High Current
VIN e VCC
a
10
m
A
DC Electrical Characteristics for Crystal Inputs and Outputs
The following signals are covered Crystal In (XTAL
IN) and Crystal Out (XTAL
OUT)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOL
Output Low Current
VOUT e 1V
4
mA
(Note A)
IOH
Output High Current
VOUT e VCC b 1V
b
4mA
(Note A)
Small Signal Gain
XTAL
IN e 100 mV
45
Centered about VTH
(Note A)
VTH
Input Threshold
(Note A)
22
V
Voltage
XTAL
IN to
(Note A)
70
ns
XTAL
OUT Delay
Output Impedance
(Note A)
270
X
Internal Resistor
(Note A)
10
kX
Variation
Note A
This parameter is presented as a typical value to provide enough information to design an appropriate crystal network
DC Electrical Characteristics for All Open Drain Outputs
The following signals are covered Interrupt (EINT) Acknowledge (EACK) and Cascade Ready (CR)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output Low Voltage
IOL e 8 mA
05
V
IOZ
TRI-STATE Leakage
VOUT e VCC
10
m
A
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com