Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 122 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 122 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 118Page - Texas Instruments DP83256 Datasheet HTML 119Page - Texas Instruments DP83256 Datasheet HTML 120Page - Texas Instruments DP83256 Datasheet HTML 121Page - Texas Instruments DP83256 Datasheet HTML 122Page - Texas Instruments DP83256 Datasheet HTML 123Page - Texas Instruments DP83256 Datasheet HTML 124Page - Texas Instruments DP83256 Datasheet HTML 125Page - Texas Instruments DP83256 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 146 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for the Alternate PMD Interface
The following input signals are covered PMD Indicate Data (PMID) Signal Detect (SD) Receive Data In (RXD
IN) Receive
Clock In (RXC
IN)
The following output signals are covered PMD Request Data (PMRD) Transmit Clock (TXC) Recovered Data Out
(RXD
OUT) Recovered Clock Out (RXC
OUT)
Note
The Alternate PMD Interface is only available on the 160 pin DP83257 PLAYERa Device and the 100 pin DP83256-AP Device The Transmit Clock is
enabled by the CGMREGTXCE bit The rest of the Alternate PMD Interface is enabled by the APMDREGAPMDEN bit
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T40
RXC
OUTa to RXD
OUTg Change Time
10
50
ns
T41
PMIDg to RXD
OUT Latency
In Lock
16
ns
T42
RXD
INg to RXC
INa Setup Time
40
ns
T43
RXD
INg to RXC
INa Hold Time
05
ns
T44
TXCa to PMRDg Change Time
40
70
ns
T42
SD Minimum Pulse Width
120
ns
T45
RXC
OUTg Pulse Width High
(Note 1)
35
45
ns
T46
RXC
OUTg Rise Time
(Note 1)
15
ns
T47
RXC
OUTg Fall Time
(Note 1)
15
ns
T48
RXD
OUTg Rise Time
(Note 1)
15
ns
T49
RXD
OUTg Fall Time
(Note 1)
15
ns
T50
TXCg Pulse Width High
(Note 1)
35
45
ns
T51
TXCg Rise Time
(Note 1)
15
ns
T52
TXCg Fall Time
(Note 1)
15
ns
T38
PMRD Rise Time
(Note 1)
15
ns
T39
PMRD Fall Time
(Note 1)
15
ns
Note 1
This parameter is not tested but is assured by correlation with characterization data
TLF11708 – 52
FIGURE 7-11 ECL Rise and Fall Times
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com